Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMW3310DH-AWQT Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PMW3310DH-AWQT
Description  Low Power LED Gaming Mouse Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3310DH-AWQT Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PMW3310DH-AWQT Datasheet HTML 1Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 2Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 3Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 4Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 5Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 6Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 7Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 8Page - Pixart Imaging Inc. PMW3310DH-AWQT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PixArt Imaging Inc.
Low Power LED Gaming Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Device Pinout
Figure 1. Device Pinout of PMW3310DH-AWQT
Product Number: PMW3310DH-AWQT
Date Code: CYWkWkWfWfR (C = CM Code, Y = Year Code, WkWk =
Week Code, WfWf = Wafer Code, R = Remark (mark E for engineering
lot))
Pin No
Pin
Name
Input /
Output/
Power
Description
1 – 2
NC
-
-
3
NCS
IN
Chip Select (Active Low Input)
4
SCLK
IN
Serial Clock Input
5
MOSI
IN
Serial Data Input (Master
Out/Slave In)
6
MOTION OUT
Motion Detect (Active Low Output)
7
VDDIO
PWR
IO Voltage
8
XYLED
OUT
LED Illumination Control
9
GND
PWR
Ground
10 – 11
VDD
PWR
3V Supply
12
NC
-
-
13
REF
PWR
Internal regulator output pin (To
connect to external bypass cap)
14
GND
PWR
Ground
15
NC
-
-
16
MISO
OUT
Serial Data Output (Master
In/Slave Out)
17 – 18
NC
-
-
19
GND
PWR
Ground
20
NC
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com