Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL5904 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5904
Description  RMS and envelope threshold detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5904 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5904 Datasheet HTML 17Page - Analog Devices ADL5904 Datasheet HTML 18Page - Analog Devices ADL5904 Datasheet HTML 19Page - Analog Devices ADL5904 Datasheet HTML 20Page - Analog Devices ADL5904 Datasheet HTML 21Page - Analog Devices ADL5904 Datasheet HTML 22Page - Analog Devices ADL5904 Datasheet HTML 23Page - Analog Devices ADL5904 Datasheet HTML 24Page - Analog Devices ADL5904 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5904
Data Sheet
Rev. 0 | Page 20 of 27
VRMS CALIBRATION AND ERROR CALCULATION
The measured transfer function of the ADL5904 at 900 MHz is
shown in Figure 47, which contains plots of both output voltage
and log conformance error vs. input level for one device. As the
input level varies from −30 dBm to +15 dBm, the output voltage
varies from 200 mV to approximately 1.7 V.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–30
–20
–10
0
10
20
PIN (dBm)
VOUT +25°C
VOUT –40°C
VOUT +85°C
ERROR +25°C
ERROR –40°C
ERROR +85°C
Figure 47. VRMS and Log Conformance Error at 900 MHz, −40°C, +25°C, and
+85°C with Log Conformance Error Calculated Based on Two-Point
Calibration at −20 dBm and +10 dBm
Calibration must be performed to achieve high accuracy
because the output voltage for a particular input level varies
from device to device. For a two-point calibration, the equation
for the idealized output voltage is
VRMS (IDEAL) = Slope × (PIN − Intercept)
(1)
where:
Slope is the change in output voltage divided by the change in
input level (unit is mV/dB).
PIN is the input level (unit is dBm).
Intercept is the calculated input level at which the output voltage
is equal to 0 V (note that Intercept is an extrapolated theoretical
value and not a measured value). Intercept has a unit of dBm.
In general, calibration is performed during equipment
manufacture by applying two or more known signal levels to the
input of the ADL5904 and measuring the corresponding output
voltages. The calibration points must be within the linear
operating range of the device.
With a two-point calibration, calculate the slope and intercept
as follows:
Slope = (VRMS1 − VRMS2)/(PIN1 − PIN2)
(2)
Intercept = PIN1 − (VRMS1/Slope)
(3)
After the slope and intercept are calculated (and stored in some
form), use the following equation to calculate an unknown
input level based on the output voltage of the detector:
PIN (Unknown) = (VRMS (MEASURED)/Slope) + Intercept
(4)
The log conformance error is the difference between this
straight line and the actual performance of the detector.
Error (dB) = (VRMS (MEASURED) − VRMS(IDEAL))/Slope
(5)
Use multipoint calibration to extend the measurement dynamic
range further. In this case, the transfer function is segmented,
with each segment having its own slope and intercept. Figure 48
shows the error plot of the same device with calibration points
at −20 dBm, 0 dBm, and +10 dBm. The three-point calibration
results in tighter log conformance and a slight extension of the
linear operating range of the device.
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–30
–20
–10
0
10
20
PIN (dBm)
VOUT +25°C
VOUT –40°C
VOUT +85°C
ERROR +25°C
ERROR –40°C
ERROR +85°C
Figure 48. VRMS and Log Conformance Error at 900 MHz, −40°C, +25°C, and
+85°C with Log Conformance Error Calculated Based on Three-Point
Calibration at −20 dBm, 0 dBm, and +10 dBm
Where three-point calibration is used, two values of slope and
two values of intercept must be calculated and stored during
calibration. In addition, the transition point between the two
calibration regions must be recorded so that the system knows
which slope/intercept pair to use. In a typical system, the output
of the ADL5904 is sampled by a precision ADC. For the example in
Figure 48 (calibration points at −20 dBm, 0 dBm, and +10 dBm),
the ADC output code for an input power of 0 dBm is stored
with the calculated slopes and intercept. When the system is in
operation in the field, the code from the ADC is compared to
this stored code to determine whether to use the upper or lower
slope/intercept pair.
The calibration scheme for ADL5904 can be extended beyond
three points. This technique can be used, for example, to
linearize the response for input powers below −30 dBm. This
effort, however, is less beneficial if the device is to be used over
a wide temperature range. The multidevice plots (see Figure 15,
Figure 19 to Figure 21, Figure 25 to Figure 27, and Figure 31)
show how temperature stability becomes less predictable at low
input power level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com