Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC575LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC575LP4
Description  Test Instrumentation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC575LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC575LP4 Datasheet HTML 1Page - Analog Devices HMC575LP4 Datasheet HTML 2Page - Analog Devices HMC575LP4 Datasheet HTML 3Page - Analog Devices HMC575LP4 Datasheet HTML 4Page - Analog Devices HMC575LP4 Datasheet HTML 5Page - Analog Devices HMC575LP4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC575LP4 / 575LP4E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 6 - 9 GHz OUTPUT
v00.0506
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V, 3 dBm Drive Level
Typical Applications
The HMC575LP4 / HMC575LP4E is suitable for:
• Wireless Local Loop
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC575LP4 & HMC575LP4E are x2 active
broadband
frequency
multipliers
utilizing
GaAs
PHEMT technology in a leadless RoHS compliant
SMT package. When driven by a 3 dBm signal, the
multiplier provides +17 dBm typical output power from
6 to 9 GHz. The Fo and 3Fo isolations are 15 dBc with
respect to output signal level. This frequency multiplier
features DC blocked I/O’s, and is ideal for use in LO
multiplier chains for Pt to Pt & VSAT Radios yielding
reduced parts count vs. traditional approaches. The low
additive SSB Phase Noise of -140 dBc/Hz at 100 kHz
offset helps maintain good system noise performance.
The HMC575LP4 & HMC575LP4E are compatible with
surface mount manufacturing techniques.
High Output Power: +17 dBm
Low Input Power Drive: -2 to +6 dBm
Fo, 3Fo Isolation: 15 dBc
100 KHz SSB Phase Noise: -140 dBc/Hz
Single Supply: +5V@ 90 mA
RoHS Compliant 4x4 mm SMT Package
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
3 - 4.5
GHz
Frequency Range, Output
6 - 9
GHz
Output Power
14
17
dBm
Fo Isolation (with respect to output level)
15
dBc
3Fo Isolation (with respect to output level)
15
dBc
Input Return Loss
15
dB
Output Return Loss
12
dB
SSB Phase Noise (100 kHz Offset)
-140
dBc/Hz
Supply Current (Idd1 & Idd2)
90
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC575LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4E HITTITE-HMC575LP4E Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4E HITTITE-HMC575LP4E Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
More results

Similar Description - HMC575LP4

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC1096LP3E AD-HMC1096LP3E Datasheet
532Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com