Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RP173Q552B-TR-FE Datasheet(PDF) 12 Page - RICOH electronics devices division

Part # RP173Q552B-TR-FE
Description  Output Current Typ. 150mA
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP173Q552B-TR-FE Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button RP173Q552B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division RP173Q552B-TR-FE Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RP173x
12
RP173x30xx
RP173x55xx
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
4
68
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
0
0
1
2
3
4
5
6
024
68
10
Input Voltage VIN (V)
IOUT=1mA
IOUT=30mA
IOUT=50mA
3) Supply Current vs. Input Voltage (C1
=Ceramic 0.1μF, C2=Ceramic 0.1μF, Topt=25°C)
RP173x12xx
RP173x18xx
0.0
0.5
1.0
1.5
2.0
2.5
0246
Input Voltage VOUT (V)
0
0.0
0.5
1.0
1.5
2.0
2.5
02
468
Input Voltage VOUT (V)
0
RP173x30xx
RP173x55xx
0.0
0.5
1.0
1.5
2.0
2.5
02468
Input Voltage VOUT (V)
0
0.0
0.5
1.0
1.5
2.0
2.5
02
468
10
Input Voltage VOUT (V)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com