Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA1487U/10 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA1487U/10
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1487U/10 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA1487U/10 Datasheet HTML 6Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 7Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 8Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 9Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 10Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 11Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 12Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 13Page - NXP Semiconductors PCA1487U/10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MSA948
∆ V
DDP
12
3
n
t
= 1
µs
edge
0.1 ms
min.
t T3
CHECKING
STORING
DATA INPUT
ERASURE
CONTENT CHECKING
1
2
9
10
3
4
5
6
7
8
9
10
IDD
V
(V)
DD
0 (V
)
SS
2.5
1.5
4.5
5.1
(1)
(1)
(1)
(1)
t
= 5 ms
E
t
= 5 ms
S
(1) Rise and fall time should be greater than 400
µs/V for immediately correct checking.
Fig.9 VDD for programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com