| Electronic Components Datasheet Search |
|
P83CX80 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P83CX80 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 84 page ![]() 1997 Dec 12 13 Philips Semiconductors Product specification Microcontrollers for monitors with DDC interface, auto-sync detection and sync proc. P83Cx80; P87C380 7.3.1 RAM BUFFER I/O INTERFACE REGISTER (RAMBUF) RAMBUF is used as an I/O interface to the RAM buffer. If it is associated with the address pointer DDCADR which is equipped with the capability of post increment, then it will be convenient to transfer the consecutive data stream. This feature is useful to support the DDC/EDID data transfer. Table 5 RAM Buffer I/O Interface Register (SFR address 9CH) Table 6 Description of RAMBUF bits 7.3.2 MISCELLANEOUS CONTROL REGISTER (DFCON) This register is bit-addressable. Table 7 Miscellaneous Control Register (SFR address C0H) Table 8 Description of DFCON bits 76543210 RAMBUF.7 RAMBUF.6 RAMBUF.5 RAMBUF.4 RAMBUF.3 RAMBUF.2 RAMBUF.1 RAMBUF.0 BIT SYMBOL DESCRIPTION 7 to 0 RAMBUF.7 to RAMBUF.0 8-bit data which is read from or to be written into RAM buffer 76543210 EW2 SOGE SYNCE DDCE S1E ADCE P14LVL P8LVL BIT SYMBOL DESCRIPTION 7 EW2 Watchdog Timer enable flag. This flag is associated with the flags, EW1 (SFR PWM10H) and EW0 in (SFR PWM10L) to form the enable/disable control key for the Watchdog Timer (see Chapter 9). The Watchdog Timer is only disabled by EW2 to EW0 = 101, else it is kept enabled for the rest of the combinations. 6 SOGE CSYNCin enable for pin CSYNCin/P1.6. If SOGE = 1, the pin function is CSYNCin. If SOGE = 0, the pin function is I/O port P1.6. 5 SYNCE Sync separated signals output enable for pins VSYNCout/P1.4 and HSYNCout/P1.5. If SYNCE = 1, the pins function as VSYNCout and HSYNCout respectively. If SYNCE = 0, the pins function as I/O ports P1.4 and P1.5 respectively. 4 DDCE Enable for DDC interface pins SCL1/P1.2 and SDA1/P1.3. If DDCE = 1, the pins function as SCL1 and SDA1 respectively for the DDC interface. If DDCE = 0, the pins function as I/O ports P1.2 and P1.3 respectively. 3 S1E Enable for I2C-bus interface pins SCL/P1.0 and SDA/P1.1. If S1E = 1, the pins function as SCL and SDA respectively for the I2C-bus interface. If S1E = 0, the pins function as I/O ports P1.0 and P1.1 respectively. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |