Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA1606U/10 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA1606U/10
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1606U/10 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA1606U/10 Datasheet HTML 2Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 3Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 4Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 5Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 6Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 7Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 8Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 9Page - NXP Semiconductors PCA1606U/10 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Dec 12
6
Philips Semiconductors
Product specification
32 kHz watch circuits with EEPROM
PCA16xx series
AVAILABLE TYPES
Refer to Fig.4 and to Chapters “Ordering information” and “Functional description and testing”.
Note
1. U = Chip in trays; U/7 = chip with bumps on tape; U/10 = chip on foil.
T = SOT144-1.
SHORT
TYPE
NUMBER
DELIVERY
FORMAT(1)
PERIOD
tT
(s)
SPECIFICATIONS
PULSE
WIDTH tP
(ms)
DRIVE
(%)
EEPROM
BATTERY
EOL
DETECTION
REMARKS
1601
U/10
1
7.8
100
yes
no
1602
T
1
7.8
75
yes
no
1603
U/7
20
7.8
100
yes
no
1604
U/10
5
7.8
75
yes
no
1605
U/7
5
4.8
75
yes
no
1606
U/10
10
6.8
100
yes
no
1607
U
5
5.8
100
75
yes
no
1.5 V and
2.1 V Lithium
1608
U
5
7.8
100
75
yes
no
1.5 V and
2.1 V Lithium
1611
U
1
6.8
75
yes
no
1621
U/7
20
4.8
100
yes
no
1622
U
1
4.8
100
yes
yes
1623
U
20
4.8
75
yes
no
1624
U
12
3.9
75
56
yes
no
1.5 V and
2.1 V Lithium
1625
U/7
5
5.8
75
yes
no
1626
U
20
5.8
100
yes
no
1627
U/7
20
5.8
100
75
yes
no
1.5 V and
2.1 V Lithium
1628
U
20
5.8
75
yes
no
1629
U/7
5
6.8
75
yes
no
Fig.4 Motor output waveform (normal operation).
MSA977
VM1 - M2
2t T
t T
t P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com