Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P83C366CBP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P83C366CBP
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366CBP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P83C366CBP Datasheet HTML 13Page - NXP Semiconductors P83C366CBP Datasheet HTML 14Page - NXP Semiconductors P83C366CBP Datasheet HTML 15Page - NXP Semiconductors P83C366CBP Datasheet HTML 16Page - NXP Semiconductors P83C366CBP Datasheet HTML 17Page - NXP Semiconductors P83C366CBP Datasheet HTML 18Page - NXP Semiconductors P83C366CBP Datasheet HTML 19Page - NXP Semiconductors P83C366CBP Datasheet HTML 20Page - NXP Semiconductors P83C366CBP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
1999 Mar 10
17
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
10 I2C-BUS SERIAL I/O
10.1
The I2C-bus
The serial port supports the two line I2C-bus. The I2C-bus
consists of a serial data line (SDA) and a serial clock line
(SCL). These lines can also function as I/O port lines
P1.6 and P1.5 respectively. To utilize this facility pins
P1.5/SCL and P1.6/SDA must be configured as alternative
functions instead of port lines; see Section 10.8.
The system is unique because data transport, clock
generation, address recognition and bus control arbitration
are all controlled by hardware.
Full details of the I2C-bus are given in the document
“The I2C-bus and how to use it”. This document may be
ordered using the code 9398 393 40011.
10.2
Operation modes
The I2C-bus serial I/O has complete autonomy in byte
handling and operates in four modes
• Master transmitter
• Master receiver
• Slave transmitter
• Slave receiver.
These functions are controlled by the S1CON register.
S1STA is the status register whose contents may also be
used as a vector to various service routines. S1DAT is the
data shift register and S1ADR the slave address register.
Slave address recognition is performed by hardware.
Fig.9 Block diagram of I2C-bus serial I/O.
handbook, full pagewidth
MBC749 - 1
SLAVE ADDRESS
S1ADR
GC
SHIFT REGISTER
S1DAT
SDA
ARBITRATION LOGIC
SCL
BUS CLOCK GENERATOR
S1STA
7654
3210
S1CON
7654
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com