Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG3G103C01 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PVG3G103C01
Description  SMD Sealed Type Single-Turn PVG3 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PVG3G103C01 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PVG3G103C01 Datasheet HTML 1Page - Bourns Electronic Solutions PVG3G103C01 Datasheet HTML 2Page - Bourns Electronic Solutions PVG3G103C01 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PVG3.pdf
01/17
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Standard Land Patterns
PVG3A
PVG3G
MM
(INCHES)
DIMENSIONS:
0.1
(.004)
TOLERANCES: ±
EXCEPT WHERE NOTED
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PVG3G100C01
PVG3G200C01
PVG3G500C01
0.25 (70 °C)
1 (210 ° ±10 °)
50 ohm ± 20%
±150
0.25 (70 °C)
1 (210 ° ±10 °)
10 ohm ± 20%
±150
0.25 (70 °C)
1 (210 ° ±10 °)
20 ohm ± 20%
±150
PVG3G101C01
0.25 (70 °C)
1 (210 ° ±10 °)
100 ohm ± 20%
±150
PVG3G201C01
0.25 (70 °C)
1 (210 ° ±10 °)
200 ohm ± 20%
±150
PVG3G501C01
0.25 (70 °C)
1 (210 ° ±10 °)
500 ohm ± 20%
±150
PVG3G102C01
0.25 (70 °C)
1 (210 ° ±10 °)
1k ohm ± 20%
±150
PVG3G202C01
0.25 (70 °C)
1 (210 ° ±10 °)
2k ohm ± 20%
±150
PVG3G502C01
0.25 (70 °C)
1 (210 ° ±10 °)
5k ohm ± 20%
±150
PVG3G103C01
0.25 (70 °C)
1 (210 ° ±10 °)
10k ohm ± 20%
±150
PVG3G203C01
0.25 (70 °C)
1 (210 ° ±10 °)
20k ohm ± 20%
±150
PVG3G503C01
0.25 (70 °C)
1 (210 ° ±10 °)
50k ohm ± 20%
±150
PVG3G104C01
0.25 (70 °C)
1 (210 ° ±10 °)
100k ohm ± 20%
±150
PVG3G204C01
0.25 (70 °C)
1 (210 ° ±10 °)
200k ohm ± 20%
±150
PVG3G504C01
0.25 (70 °C)
1 (210 ° ±10 °)
500k ohm ± 20%
±150
PVG3G105C01
0.25 (70 °C)
1 (210 ° ±10 °)
1M ohm ± 20%
±150
PVG3G205C01
0.25 (70 °C)
1 (210 ° ±10 °)
2M ohm ± 20%
Mechanical Rotation
Angle
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
250 ± 10 °
±150
Operating Temperature Range: -55 to +125 °C
Top Adjustment (Gull-Wing Style)
Soldering Method: Reflow / Soldering Iron
1.4
(.055)
1.1
(.043)
1.1
(.043)
1.2
(.047)
0.9
(.035)
0.9
(.035)
2.1
(.083)
2.1
(.083)
1.4
(.055)
1.1
(.043)
1.1
(.043)
1.2
(.047)
1.3
(.051)
1.3
(.051)
2.5
(.098)
2.5
(.098)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com