Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVG3G504C01 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PVG3G504C01
Description  SMD Sealed Type Single-Turn PVG3 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PVG3G504C01 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PVG3G504C01 Datasheet HTML 1Page - Bourns Electronic Solutions PVG3G504C01 Datasheet HTML 2Page - Bourns Electronic Solutions PVG3G504C01 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Δ
TR : ±2%
Δ
V.S.S.: ±1%
Δ
TR : ±2%
IR
: 10M ohm min.
Δ
TR : ±1%
Δ
V.S.S.: ±1%
Δ
TR : ±1%
Δ
V.S.S.: ±1%
Δ
TR : ±3% or 3 ohm max., whichever is greater
Δ
V.S.S.: ±1%
Δ
TR : ±2%
Δ
V.S.S.: ±2%
Δ
TR : ±3%
Δ
V.S.S.: ±2%
Δ
TR : R≤100 kohm
±3% or 2 ohm max., whichever is greater
R>100 kohm
+0/-10% (50 cycles)
Temperature
Cycle
Humidity
Vibration (20G)
Shock (100G)
Temperature
Load Life
Low Temperature
Exposure
High Temperature
Exposure
Rotational Life
Δ
TR : Total Resistance Change
Δ
V.S.S.: Voltage Setting Stability
IR
: Insulation Resistance
Characteristics
PVG3.pdf
01/17
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Part Numbering
PV G3 A 103 C01 R00
Product ID
PV = Trimming Potentiometer
Series
G3 = SMD Sealed 3 mm Square, Single-Turn
Pin Style
A = J-Hook
G = Gull-Wing
Total Resistance
Expressed by three figures.
The first and second figures are
significant digits; the third figure expresses
the number of zeros that follow.
Individual Specification
C01 = Standard Type
Packaging
R00 = Tape and Reel (1,000 pcs./7 ” reel)
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
2,000,000
205
Popular distribution values listed in boldface.
Special resistances available.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com