Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8421ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8421ARMZ
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8421ARMZ Datasheet HTML 11Page - Analog Devices AD8421ARMZ Datasheet HTML 12Page - Analog Devices AD8421ARMZ Datasheet HTML 13Page - Analog Devices AD8421ARMZ Datasheet HTML 14Page - Analog Devices AD8421ARMZ Datasheet HTML 15Page - Analog Devices AD8421ARMZ Datasheet HTML 16Page - Analog Devices AD8421ARMZ Datasheet HTML 17Page - Analog Devices AD8421ARMZ Datasheet HTML 18Page - Analog Devices AD8421ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 14 of 28
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
125
TEMPERATURE (°C)
–25 –10
5
20
35
50
65
80
95
110
VS = ±15V
VS = ±5V
Figure 28. Supply Current vs. Temperature (G = 1)
80
–120
–40
110
TEMPERATURE (°C)
–100
–80
–60
–40
–20
0
20
40
60
–25
–10
5
20
35
50
65
80
95
125
ISHORT+
ISHORT–
Figure 29. Short-Circuit Current vs. Temperature (G = 1)
40
0
–40
125
TEMPERATURE (°C)
5
10
15
20
25
30
35
–25
–10
5
20
35
50
65
80
95
110
–SR
+SR
Figure 30. Slew Rate vs. Temperature, VS = ±15 V (G = 1)
40
0
–40
125
TEMPERATURE (°C)
5
10
15
20
25
30
35
–25 –10
5
20
35
50
65
80
95
110
–SR
+SR
Figure 31. Slew Rate vs. Temperature, VS = ±5 V (G = 1)
+VS
–VS
21
SUPPLY VOLTAGE (±VS)
4
6
8
101214
16
–0.5
–1.0
–1.5
–2.0
–2.5
+0.5
+1.0
+1.5
+2.0
+2.5
8
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 32. Input Voltage Limit vs. Supply Voltage
+VS
–VS
02
20
18
SUPPLY VOLTAGE (±VS)
4
6
8
10
12
14
16
–0.5
–1.0
–1.5
–2.0
–2.5
+0.5
+1.0
+1.5
+2.0
+2.5
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 33. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com