Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1631AU/TR Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1631AU/TR
Description  High-Precision Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631AU/TR Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1631AU/TR Datasheet HTML 1Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 2Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 3Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 4Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 5Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 6Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 7Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 8Page - Dallas Semiconductor DS1631AU/TR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1631/DS1631A/DS1731
3 of 14
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Solder Dip Temperature (10s)
See IPC/JEDEC J-STD-020A Specification
Reflow Oven Temperature
+220°C
* These are stress ratings only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS NOTES
Supply Voltage
VDD
2.7
5.5
V
1
0°C to +70°C,
3.0V
£ VDD £ 5.5V
±0.5
0°C to +70°C,
2.7V
£ VDD < 3.0V
±1
DS1631, DS1631A
Thermometer Error
TERR
-55°C to +125°C
±2
°C
2
-10°C to +85°C,
3.0V
£ VDD £ 5.5V
±1
-10°C to +85°C,
2.7V
£ VDD < 3.0V
±1.5
DS1731
Thermometer Error
TERR
-55°C to +125°C
±2
°C
2
Low-Level Input
Voltage
VIL
-0.5
0.3 x VDD
V
High-Level Input
Voltage
VIH
0.7 x
VDD
VDD + 0.3
V
VOL1
3mA sink current
0
0.4
SDA Low-Level
Output Voltage
VOL2
6mA sink current
0
0.6
V
Input Current Each
I/O Pin
0.4 < VI/O < 0.9VDD
-10
+10
µA
Temperature
conversion
-55°C to +85°C
1
Temperature
conversion
+85°C to +125°C
1.25
mA
E2 write
400
Active Supply
Current
IDD
Communication only
110
µA
3
Standby Supply
Current
ISTBY
0°C to +70°C
800
nA
4
VOH
1mA source current
2.4
V
1
TOUT Output Logic
Voltage
VOL
4mA sink current
0.4
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com