Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G960 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G960
Description  3.3V 1A Low Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G960 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G960 Datasheet HTML 1Page - List of Unclassifed Manufacturers G960 Datasheet HTML 2Page - List of Unclassifed Manufacturers G960 Datasheet HTML 3Page - List of Unclassifed Manufacturers G960 Datasheet HTML 4Page - List of Unclassifed Manufacturers G960 Datasheet HTML 5Page - List of Unclassifed Manufacturers G960 Datasheet HTML 6Page - List of Unclassifed Manufacturers G960 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ver: 1.4
Jul 31, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G960
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage……………………………………..……10V
Power Dissipation Internally Limited
(Note
2)
Maximum Junction Temperature…..………………...150°C
Storage Temperature Range……...-65°C
≤ T
J
≤+150°C
Lead Temperature, Time for Wave Soldering
TO-220 Package……………………………...260°C, 10s
TO-252 Package……………………………….260°C, 4s
SOT-223 Package……………………………..260°C, 4s
Operating Conditions
(Note 1)
Input Voltage……………………………………….4V~7V
Temperature Range…………………-40°C
≤ T
J
≤125°C
Electrical Characteristics
VIN =5V, IO = 1A, CIN = 1µF, COUT =10µF, All specifications apply for TA = TJ = 25°C. [Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
50mA < IO <400mA
3.234
3.3
3.366
V
Line Regulation
4V < VIN < 7V, IO = 10mA
20
50
mV
Load Regulation
50mA < IO < 1A
30
80
mV
Output Impedance
100mA DC and 20mA AC, fo = 120Hz
100
m
Ω
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120Hz, 1VP-P, Io = 100mA
42
dB
IO = 1A
0.8
V
Dropout Voltage
IO = 100mA
200
mV
Short Circuit Current
1.6
1.9
A
Over Temperature
125
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junc-
tion-to-ambient thermal resistance, RθJA, and the ambient temperature, TA. Exceeding the maximum allow-
able power dissipation will cause excessive die temperature, and the regulator will go into thermal shut-
down.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as pos-
sible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com