Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1614 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1614
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1614 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1614 Datasheet HTML 9Page - Microchip Technology PIC16F1614 Datasheet HTML 10Page - Microchip Technology PIC16F1614 Datasheet HTML 11Page - Microchip Technology PIC16F1614 Datasheet HTML 12Page - Microchip Technology PIC16F1614 Datasheet HTML 13Page - Microchip Technology PIC16F1614 Datasheet HTML 14Page - Microchip Technology PIC16F1614 Datasheet HTML 15Page - Microchip Technology PIC16F1614 Datasheet HTML 16Page - Microchip Technology PIC16F1614 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 13
PIC12(L)F1612/16(L)F161X
bit 2
PPS1WAY: PPSLOCK bit, One-Way Set Enable bit(3)
1
= ON
- The PPSLOCK bit is permanently set after the first access sequence that sets it.
0
= OFF
- The PPSLOCK bit can be set and cleared as needed by the PPSLOCK access sequence.
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
2 kW Flash memory (PIC12(L)F1612/16(L)F1613):
11
= OFF
- Write protection off
10
= BOOT
- 000h to 1FFh write-protected, 200h to 7FFh may be modified by PMCON control
01
= HALF
- 000h to 3FFh write-protected, 400h to 7FFh may be modified by PMCON control
00
= ALL
- 000h to 7FFh write-protected, no addresses may be modified by PMCON control
4 kW Flash memory (PIC16(L)F1614/8):
11
= OFF
- Write protection off
10
= BOOT
- 000h to 1FFh write-protected, 200h to FFFh may be modified by PMCON control
01
= HALF
- 000h to 7FFh write-protected, 800h to FFFh may be modified by PMCON control
00
= ALL
- 000h to FFFh write-protected, no addresses may be modified by PMCON control
8 kW Flash memory (PIC16(L)F1615/9):
11
= OFF
- Write protection off
10
= BOOT
- 0000h to 01FFh write-protected, 0200h to 1FFF may be modified by PMCON control
01
= HALF
- 0000h to 0FFFh write-protected, 1000h to 1FFF may be modified by PMCON control
00
= ALL
- 0000h to 1FFFh write-protected, no addresses may be modified by PMCON control
REGISTER 3-5:
CONFIGURATION WORD 3
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
WDTCCS2
WDTCCS1
WDTCCS0
WDTCWS2
WDTCWS1
WDTCWS0
bit 13
bit 8
U-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
WDTE1
WDTE1
WDTCPS4
WDTCPS3
WDTCPS2
WDTCPS1
WDTCPS0
bit 7
bit 0
Legend:
W = Writable bit
‘0’ = Bit is cleared
R = Readable bit
‘1’ = Bit is set
x = Bit is unknown
-n = Value at POR
U = Unimplemented bit
P = Programmable Bit
bit 13-11
WDTCCS<2:0>: WDT Input Clock Selector bit:
000
=
WDT reference clock is the 31.0 kHz LFINTOSC (default value)
001
=
WDT reference clock is the 31.25 kHz MFINTOSC output
010
=
Reserved
...
110
=
Reserved
111
=
SWC
- Software Control, controlled by WDTCS bits
bit 10-8
WDTCWS<2:0>: WDT Window Select bits:
000
=
WDTCWS125
- 12.5% window open time (87.5% delay time)
001
=
WDTCWS25
- 25% window open time (75% delay time)
010
=
WDTCWS375
- 37.5% window open time (62.5% delay time)
011
=
WDTCWS50
- 50% window open time (50% delay time)
100
=
WDTCWS625
- 62.5% window open time (37.5% delay time)
101
=
WDTCWS75
- 75% window open time (25% delay time)
110
=
WDTCWS100
- 100% window open time (Legacy WDT)
111
=
WDTCWSSW
- Software WDT window size control (controlled by WDTWS)
bit 7
Unimplemented: Read as ‘1’
Note
1:
Typical time-out based on 31 kHz clock.
2:
Software-controlled (WDTPS).
REGISTER 3-4:
CONFIGURATION WORD 2 (CONTINUED)
Note
1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
The Debug mode is controlled by the MPLAB® IDE.
3:
This bit is only implemented on the PIC16(L)F1614/5/8/9. It acts as Unimplemented: Read as '1' on all other parts in
the family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com