Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4938-2ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4938-2ACPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4938-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4938-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 15 of 26
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
TIME (1ns/DIV)
Figure 43. Small Signal Transient Response, VOUT = 0.1 V p-p
0.10
0.08
0.04
0.06
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
TIME (2ns/DIV)
Figure 44. VOCM Small Signal Transient Response, VOUT = 0.1 V p-p
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
60
50
40
30
20
10
0
VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 45. Supply Current vs. Power-Down Voltage and Temperature, VS = 5 V
3.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
TIME (1ns/DIV)
Figure 46. Large Signal Transient Response
2.5
2.0
1.0
1.5
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
TIME (2ns/DIV)
Figure 47. VOCM Large Signal Transient Response
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
VOCM = –3.7V
ALL CURVES ARE
NORMALIZED TO VOCM = 0V
VOCM = –3.5V
VOCM = –3V
VOCM = 0V
VOCM = +3V
VOCM = +3.5V
VOCM = +3.7V
Figure 48. VOUT, dm Small Signal Frequency Response for Various VOCM,
VOUT = 0.1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com