Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS954101YGLFT Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS954101YGLFT
Description  Programmable Timing Control Hub for Desktop P4 Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954101YGLFT Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS954101YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 13Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 14Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 15Page - Integrated Circuit Systems ICS954101YGLFT Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS954101
0815D—06/21/04
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
1
Bit 6
DOT_96MHz
Driven in PD
RW
Driven
Hi-Z
1
Bit 5
PCI_F2
RW
Free-Running
Stoppable
1
Bit 4
PCI_F1
RW
Free-Running
Stoppable
1
Bit 3
PCI_F0
RW
Free-Running
Stoppable
1
Bit 2
1
Bit 1
1
Bit 0
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRC Stop Drive Mode
Drive Mode in
PCI_Stop
RW
Driven
Hi-Z
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
SRC PD Drive Mode
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 2
CPUCLK_ITP
Drive Mode in PD
RW
Driven
Hi-Z
0
Bit 1
CPUCLK1
Drive mode in PD
RW
Driven
Hi-Z
0
Bit 0
CPUCLK0
Drive mode in PD
RW
Driven
Hi-Z
0
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Test Mode Selection
Test Mode Selection
RW
Hi-Z
REF/N
0
Bit 6
Test Clock Mode Entry
Test Mode
RW
Disable
Enable
0
Bit 5
0
Bit 4
REFOUT Strength
Strength Prog
RW
1X
2X
1
Bit 3
PCI/SRC_STOP
Stop all PCI and
SRC clocks
RW
Enabled, all
stoppable PCI
and SRC clocks
are stopped.
Disabled, all
stoppable PCI
and SRC clocks
are running
1
Bit 2
FS_C
readback
R
-
-
LATCHED
Bit 1
FS_B
readback
R
-
-
LATCHED
Bit 0
FS_A
readback
R
-
-
LATCHED
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
-
-
Byte 5
Byte 6
19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
14,15
RESERVED
Byte 4
RESERVED
10
9
8
RESERVED
RESERVED
RESERVED
Free-Running
Control
not affected by
RESERVED
17,18,19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
54,55,56,3,4,5,8,9,
10
19,20,22,23,
24,25,26,27,30,31,
32,33,35,36
35,36
REVISION ID
RESERVED
-
-
40,41
43,44
52
-
-
-
-
-
RESERVED
-
VENDOR ID
-
-
-
Byte 7
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com