Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4077-1ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4077-1ARMZ
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4077-1ARMZ Datasheet HTML 9Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 10Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 11Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 12Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 13Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 14Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 15Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 16Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
Rev. D | Page 13 of 25
Figure 23. Output Voltage Swing vs. Temperature, VSY = ±5 V
Figure 24. Input Bias Current, VSY = ±5 V
Figure 25. Input Bias Current (IB) vs. Temperature, VSY = ±5 V
Figure 26. Output Voltage Swing vs. Temperature, VSY = ±15 V
Figure 27. Input Bias Current, VSY = ±15 V
Figure 28. Input Bias Current (IB) vs. Temperature, VSY = ±15 V
3.75
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VOH = 1mA
VOL = 1mA
VS = ±5V
350
0
INPUT BIAS CURRENT (nA)
50
100
150
200
250
300
VSY = ±5V
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–50
0
50
100
–25
TEMPERATURE (°C)
25
75
125
+IB
–IB
VSY = ±5V
TEMPERATURE (°C)
13.75
13.80
13.85
13.90
13.95
14.00
14.05
14.10
14.15
–50
–25
0
25
50
75
100
125
VS = ±15V
VOH = 1mA
VOL = 1mA
400
0
INPUT BIAS CURRENT (nA)
50
100
150
200
250
300
350
VSY = ±15V
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–50
0
50
100
–25
TEMPERATURE (°C)
25
75
125
+IB
–IB
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com