Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF2089 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2089
Description  SAW Filter for Multimedia Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2089 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2089 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2089 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2089 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Iss1 C1u,
Date 13-7-2011
SAW Filter for Multimedia Applications
PART NO.: ACTF2089-140-SMP53
Features
Low loss filter for GPS applications
Usable bandwidth: 16 MHz
High attenuation
Single-ended operation
S
urface Mounted Technology (SMT)
Lead-free production and RoHS compliance
Package Dimensions
SMD Package: SMP-53
Pin Configuration
11
Input
5
Output
Others
Ground
Unit: mm
Marking
Top view
Laser marking
"ND”: Manufacturer’s mark
“F”: SAW filter
“2089”: Part number
▪ : Terminal 1
Maximum Ratings
Rating
Value
Unit
Source Power
PS
20
dBm
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
ACTF *
2089
Page 1 of 3


Similar Part No. - ACTF2089

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2082 ACT-ACTF2082 Datasheet
974Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2082-140-SMP03 ACT-ACTF2082-140-SMP03 Datasheet
974Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2088 ACT-ACTF2088 Datasheet
338Kb / 2P
IF band pass filter
ACTF2088-140-SMP53 ACT-ACTF2088-140-SMP53 Datasheet
338Kb / 2P
IF band pass filter
More results

Similar Description - ACTF2089

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7750-N1D PHILIPS-SAA7750-N1D Datasheet
1Mb / 66P
Generic device for portable multimedia applications
2002 Jan 21
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
Multimedia Applications Processors
logo
EPCOS
LP38A EPCOS-LP38A Datasheet
76Kb / 7P
Low-Loss Filter for Multimedia Applications
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
Multimedia Applications
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
Multimedia Applications Processor for Automotive Products
I.MX27 FREESCALE-I.MX27 Datasheet
2Mb / 148P
Multimedia Applications Processor
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Advanced Crystal Techno...
ACTF2091 ACT-ACTF2091 Datasheet
951Kb / 6P
SAW Filter for Base Station Applications
13-7-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com