Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C1206C104F1GACTU Datasheet(PDF) 11 Page - Kemet Corporation

Part # C1206C104F1GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F1GACTU Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C1206C104F1GACTU Datasheet HTML 7Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 8Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 9Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 10Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 11Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 12Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 13Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 14Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Soldering Process
Recommended Soldering Technique:
•SolderwaveorsolderreflowforEIAcasesizes0603,0805and1206
•AllotherEIAcasesizesarelimitedtosolderreflowonly
Recommended Reflow Soldering Profile:
KEMET’sfamiliesofsurfacemountmultilayerceramiccapacitors(SMDMLCCs)arecompatiblewithwave(singleordual),convection,
IRorvaporphasereflowtechniques.Preheatingofthesecomponentsisrecommendedtoavoidextremethermalstress.KEMET’s
recommendedprofileconditionsforconvectionandIRreflowreflecttheprofileconditionsoftheIPC/J-STD-020standardformoisture
sensitivitytesting.Thesedevicescansafelywithstandamaximumofthreereflowpassesattheseconditions.
Profile Feature
Termination Finish
SnPb
100%MatteSn
Preheat/Soak
TemperatureMinimum(TSmin)
100°C
150°C
TemperatureMaximum(TSmax)
150°C
200°C
Time (tS)fromTSmin to TSmax
60–120seconds
60–120seconds
Ramp-Up Rate (TL to TP)
3°C/secondmaximum 3°C/secondmaximum
LiquidousTemperature(TL)
183°C
217°C
TimeAboveLiquidous(tL)
60–150seconds
60–150seconds
PeakTemperature(TP)
235°C
260°C
TimeWithin5°CofMaximum
PeakTemperature(tP)
20secondsmaximum 30secondsmaximum
Ramp-Down Rate (TP to TL) 6°C/secondmaximum 6°C/secondmaximum
Time25°CtoPeak
Temperature
6minutesmaximum
8minutesmaximum
Note 1: All temperatures refer to the center of the package, measured on the
capacitor body surface that is facing up during assembly reflow.
Time
Tsmin
25° C to Peak
tL
tS
25
tP
Tsmax
TL
TP
Maximum Ramp Up Rate = 3°C/sec
Maximum Ramp Down Rate = 6°C/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com