Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM709 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM709
Description  Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM709 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM709 Datasheet HTML 1Page - National Semiconductor (TI) LM709 Datasheet HTML 2Page - National Semiconductor (TI) LM709 Datasheet HTML 3Page - National Semiconductor (TI) LM709 Datasheet HTML 4Page - National Semiconductor (TI) LM709 Datasheet HTML 5Page - National Semiconductor (TI) LM709 Datasheet HTML 6Page - National Semiconductor (TI) LM709 Datasheet HTML 7Page - National Semiconductor (TI) LM709 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 3)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
LM709LM709ALM709C
g
18V
Power Dissipation (Note 1)
LM709LM709A
300 mW
LM709C
250 mW
Differential Input Voltage
LM709LM709ALM709C
g
5V
Input Voltage
LM709LM709ALM709C
g
10V
Output Short-Circuit Duration (TA ea25 C)
LM709LM709ALM709C
5 seconds
Storage Temperature Range
LM709LM709ALM709C
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
LM709LM709ALM709C
300 C
Operating Ratings (Note 3)
Junction Temperature Range (Note 1)
LM709LM709A
b
55 Cto a150 C
LM709C
0 Cto a100 C
Thermal Resistance (iJA)
H Package
150 CW (iJC)45 CW
8-Pin N Package
134 CW
14-Pin N Package
109 CW
Electrical Characteristics (Note 2)
Parameter
Conditions
LM709A
LM709
LM709C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
TA e 25 C RS s 10 kX
06
20
10
50
20
75
mV
Input Bias Current
TA e 25 C
100
200
200
500
300
1500
nA
Input Offset Current
TA e 25 C
10
50
50
200
100
500
nA
Input Resistance
TA e 25 C
350
700
150
400
50
250
kX
Output Resistance
TA e 25 C
150
150
150
X
Supply Current
TA e 25 C VS e g15V
25
36
26
55
26
66
mA
Transient Response
VIN e 20 mV CL s 100 pF
Risetime
TA e 25 C
15
03
10
03
10
m
s
Overshoot
30
10
30
10
30
%
Slew Rate
TA e 25 C
025
025
025
V ms
Input Offset Voltage
RS s 10 kX
30
60
10
mV
Average Temperature
RS e 50X
TA e 25 CtoTMAX
18
10
30
60
Coefficient of
TA e 25 CtoTMIN
18
10
60
12
m
V C
Input Offset Voltage
RS e 10 kX
TA e 25 CtoTMAX
20
15
TA e 25 CtoTMIN
48
25
Large Signal
VS e g15V RL t 2kX
25
70
25
45
70
15
45
VmV
Voltage Gain
VOUT e g10V
Output Voltage Swing
VS e g15V RL e 10 kX
g
12
g
14
g
12
g
14
g
12
g
14
V
VS e g15V RL e 2kX
g
10
g
13
g
10
g
13
g
10
g
13
Input Voltage Range
VS e g15V
g
8
g
8
g
10
g
8
g
10
V
Common-Mode
RS s 10 kX
80
110
70
90
65
90
dB
Rejection Ratio
Supply Voltage
RS s 10 kX
40
100
25
150
25
200
m
VV
Rejection Ratio
Input Offset Current
TA e TMAX
35
50
20
200
75
400
nA
TA e TMIN
40
250
100
500
125
750
Input Bias Current
TA e TMIN
03
06
05
15
036
20
m
A
Input Resistance
TA e TMIN
85
170
40
100
50
250
kX
Note 1
For operating at elevated temperatures the device must be derated based on a 150 C maximum junction temperature for LM709LM709A and 100 C
maximum for L709C For operating at elevated temperatures the device must be derated based on thermal resistance iJA TJ(MAX) and TA
Note 2
These specifications apply for b55 C s TA s a125 C for the LM709LM709A and 0 C s TA s a70 C for the LM709C with the following conditions
g
9V s VS s g15V C1 e 5000 pF R1 e 15 kX C2 e 200 pF and R2 e 51X
Note 3
Absolute Maximum Ratings indicate limits which if exceeded may result in damage Operating Ratings are conditions where the device is expected to be
functional but not necessarily within the guaranteed performance limits For guaranteed specifications and test conditions see the Electrical Characteristics
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com