Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADuCM331WDCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADuCM331WDCPZ
Description  Dual channel, simultaneous sampling
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM331WDCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADuCM331WDCPZ Datasheet HTML 8Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 9Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 10Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 11Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 12Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 13Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 14Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 15Page - Analog Devices ADuCM331WDCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADuCM330/ADuCM331
Data Sheet
Rev. C | Page 12 of 16
Pin No.
Mnemonic
Type1
Description
8
GPIO4/IRQ1/LC_RX/
ECLKIN/LIN_RX
I/O
General-Purpose Input/Output 4 (P0.4) (GPIO4). By default, this pin is configured as an input.
This pin is used by the kernel in external mode. See the ADuCM330/ADuCM331 hardware
reference manual for more information. The pin has an internal 25 kΩ pull-up resistor to 33VDD
and, when not in use, can be left unconnected.
Interrupt Request (IRQ1). This pin can be configured as External Interrupt Request 1.
LIN Conformance Rx (LC_RX). This pin can be connected to LIN physical RX for LIN conformance
testing.
External Clock (ECLKIN). This pin can be configured as the external clock input.
Local Interconnect Network Rx (LIN_RX). This pin can be configured as the receiving pin for LIN
frames in external transceiver mode.
9
GND_SW
I
Switch to Internal Analog Ground Reference. This pin is the negative input for the external
temperature channel.
10
VTEMP
I
External Pin for Negative Temperature Coefficient (NTC)/Positive Temperature Coefficient (PTC)
Temperature Measurement.
11
IIN+_AUX
S
Auxiliary IIN+ Pin. Connect this pin to AGND.
12
IIN+
I
Positive Differential Input for Current Channel.
13
IIN−
I
Negative Differential Input for Current Channel.
14
IIN−_AUX
S
Auxiliary IIN− Pin. Connect this pin to AGND.
15
VINP_AUX
S
Auxiliary Input Voltage Positive Channel. Connect this pin to AGND.
16
VINM_AUX
S
Auxiliary Input Voltage Negative Channel. Connect this pin to AGND.
17
VREF
S
Voltage Reference Pin. Connect this pin via a 470 nF capacitor to ground. This pin can also be
used to input an external voltage reference. This pin cannot be used to supply an external circuit.
18
AGND
S
Ground Reference for On-Chip Precision Analog Circuits.
19
AVDD18
S
Supply from Analog LDO. Do not connect this pin to an external circuit.2
20
33VDD
S
3.3 V Supply. Connect to Pin 21. Do not connect this pin to an external circuit.2
21
DVDD33
S
3.3 V Supply. Connect to Pin 20. Do not connect this pin to an external circuit.2
22
DVDD18
S
1.8 V Supply. Do not connect this pin to an external circuit.2
23
DGND
S
Ground Reference for On-Chip Digital Circuits.
24
DNC
Do Not Connect. This pin is internally connected; therefore, do not externally connect to this pin.
25
DGND
S
Ground Reference for On-Chip Digital Circuits.
26
VDD
S
Battery Power Supply for On-Chip Regulator.
27
VBAT
S
Battery Voltage Input fo Resistor Divider.
28
LIN
I/O
Local Interconnect Network (LIN) Physical Interface Input/Output.
29
IO_VSS
S
Ground Reference for the LIN Pin.
30
VSS
S
Ground Reference. This is the ground reference for the internal voltage regulators.
31
DGND
S
Ground Reference for On-Chip Digital Circuits.
32
GPIO5/LC_TX/LIN_TX
I/O
General-Purpose Input/Output 5 (P0.5) (GPIO5). By default, this pin is configured as an input.
This pin is checked by the kernel on every reset. See the ADuCM330/ADuCM331 hardware
reference manual for further information. The pin has an internal 25 kΩ pull-up resistor to
33VDD and, when not in use, can be left unconnected.
LIN Conformance Tx (LC_TX). This pin can be connected to the LIN physical Tx for LIN
conformance testing.
Local Interconnect Network Tx (LIN_TX). This pin can be configured as the Tx pin for LIN frames
in external transceiver mode.
33
EPAD
Exposed Pad. It is recommended that the exposed pad be soldered to ground for thermal reasons.
1
I is input, O is output, and S is supply.
2
Using the 1.8 V or 3.3 V supply to power an external circuit can have POR, EMC, and self heating implications. Device evaluation and testing completed without an
external load attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com