Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7131 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7131
Description  Tiny High Speed Single Supply Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7131 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7131 Datasheet HTML 1Page - National Semiconductor (TI) LM7131 Datasheet HTML 2Page - National Semiconductor (TI) LM7131 Datasheet HTML 3Page - National Semiconductor (TI) LM7131 Datasheet HTML 4Page - National Semiconductor (TI) LM7131 Datasheet HTML 5Page - National Semiconductor (TI) LM7131 Datasheet HTML 6Page - National Semiconductor (TI) LM7131 Datasheet HTML 7Page - National Semiconductor (TI) LM7131 Datasheet HTML 8Page - National Semiconductor (TI) LM7131 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5V AC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L = 150Ω. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7131AC
LM7131BC
Units
Limit
Limit
(Note 6)
(Note 6)
Bandwidth
e
n
Input-Referred
f = 1 kHz
11
Voltage Noise
i
n
Input-Referred
f = 1 kHz
3.3
Current Noise
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 5V, V
CM = VO = 0V and RL = 150Ω. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7131AC
LM7131BC
Units
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.02
3.5
7
mV
410
max
TCV
OS
Input Offset Voltage
10
µV/˚C
Average Drift
I
B
Input Bias Current
20
35
35
µA
40
40
max
I
OS
Input Offset Current
0.35
3.5
3.5
µA
55
max
CMRR
Common Mode
−5V
≤ V
CM ≤ 3.7V
75
65
65
dB
Rejection Ratio
60
60
min
+PSRR
Positive Power Supply
V
+ = 5V, V− = 0V
75
65
65
dB
Rejection Ratio
V
+ = 5V to 10V
60
60
min
−PSRR
Negative Power Supply
V
− = −5V, V+ = 0V
75
65
65
dB
Rejection Ratio
V
− = −5V to −10V
60
60
min
V
CM
Input Common-Mode
V
+ = 5V, V− = −5V
−5.0
−5.0
−5.0
V
Voltage Range
For CMRR
≥ 60 dB
−5.0
−5.0
min
4.0
3.70
3.70
V
3.60
3.60
max
A
VOL
Voltage Gain
R
L = 150Ω,70
55
55
dB
V
O = −2.0 to +2.0
50
50
C
IN
Common-Mode
2
pF
Input Capacitance
V
O
Output Swing
V
+ = 5V, V− = −5V
4.5
4.3
4.3
V
High
R
L = 150Ω
4.0
4.0
min
Low
terminated at 0V
−4.5
−3.5
−3.5
V
−2.5
−2.5
max
I
SC
Output Short Circuit
Sourcing, V
O = −5V
65
45
45
mA
Current
40
40
min
Sinking, V
O = 5V
40
25
25
mA
20
20
min
I
S
Supply Current
V
+ = +5V, V− = −5V
7.5
10.5
10.5
mA
11.5
11.5
max
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com