Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2202AT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPXM2202AT1
Description  200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AT1 Datasheet(HTML) 5 Page - Motorola, Inc

  MPXM2202AT1 Datasheet HTML 1Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 2Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 3Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 4Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 5Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 6Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 7Page - Motorola, Inc MPXM2202AT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPXM2202 SERIES
5
Motorola Sensor Device Data
PACKAGE DIMENSIONS (CONTINUED)
CASE 1320A–02
ISSUE O
MPAK, STYLE 1
DIM
MIN
MAX
INCHES
A
.377
.397
A1
.002
.010
b
.014
.018
b1
.120
.130
D
.245
.255
E
.475
.485
e
e/2
L
.013
.023
E1
.325
.335
0
7
.025 BSC
.050 BSC
θ
°°
NOTES:
1. DIMENSIONS ARE IN INCHES.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M-1994.
3. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD
FLASH OR PROTRUSION. MOLD FLASH OR
PROTRUSION SHALL NOT EXCEED .006" PER SIDE.
4. ALL VERTICAL SURFACES TO BE 5° MAXIMUM.
5. DIMENSIONS "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE .008 MAXIMUM.
b1
E
e/2
e
A
M
0.004
B
C
A
0.006
B
C
4X b
2X
A
M
0.004
B
C
E1
A
C
0.004
DETAIL E
SEATING
PLANE
GAGE
PLANE
DETAIL E
L
A1
θ
.014
B
D
A
M
.283
.293
N
.363
.373
P
.107
.117
S
.192
.202
N
S
P
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com