Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM715 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM715
Description  High Speed Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM715 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM715 Datasheet HTML 1Page - National Semiconductor (TI) LM715 Datasheet HTML 2Page - National Semiconductor (TI) LM715 Datasheet HTML 3Page - National Semiconductor (TI) LM715 Datasheet HTML 4Page - National Semiconductor (TI) LM715 Datasheet HTML 5Page - National Semiconductor (TI) LM715 Datasheet HTML 6Page - National Semiconductor (TI) LM715 Datasheet HTML 7Page - National Semiconductor (TI) LM715 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
b
65 Cto a175 C
Operating Temperature Range
Extended (LM715M)
b
55 Cto a125 C
Commercial (LM715C)
0 Cto a70 C
Lead Temperature
Metal Can and Ceramic DIP
(Soldering 60 sec)
300 C
Internal Power Dissipation (Notes 1 2)
10L-Metal Can
107W
14L-Ceramic DIP
136W
Supply Voltage
g
18V
Differential Input Voltage
g
5V
Input Voltage (Note 3)
g
15V
LM715M and LM715C
Electrical Characteristics TA e 25 C VCC e g15V unless otherwise specified
Symbol
Parameter
Conditions
LM715M
LM715C
Units
Min
Typ
Max
Min
Typ
Max
VIO
Input Offset Voltage
RS s 10 kX
20
50
20
75
mV
IIO
Input Offset Current
70
250
70
250
nA
IIB
Input Bias Current
400
750
400
1500
nA
ZI
Input Impedance
10
10
MX
RO
Output Resistance
75
75
X
ICC
Supply Current
55
70
55
10
mA
Pc
Power Consumption
165
210
165
300
mW
VIR
Input Voltage Range
g
10
g
12
g
10
g
12
V
AVS
Large Signal Voltage Gain
RL t 20 kX VO e g10V
15
30
10
30
VmV
V
Settling Time
VO e g50V AV e 10
800
800
ns
TR
Transient
Rise Time
VI e 400 mV AV e 10
30
60
30
75
ns
Response
Overshoot
25
40
25
50
%
SR
Slew Rate
AV e 100
70
70
AV e 10
38
38
V ms
AV e 10 (Non-Inverting)
15
18
10
18
AV e 10 (Inverting)
100
100
The following specifications apply over the range of b55 C s TA s a125 C for the LM715M and 0 C s TA s a70 C for the
LM715C
Symbol
Parameter
Conditions
LM715M
LM715C
Units
Min
Typ
Max
Min
Typ
Max
VIO
Input Offset Voltage
RS s 10 kX
75
10
mV
IIO
Input Offset Current
TA e TA Max
250
250
nA
TA e TA Min
800
750
IIB
Input Bias Current
TA e TA Max
075
15
m
A
TA e TA Min
40
75
CMR
Common Mode
RS s 10 kX
74
92
74
92
dB
Rejection
(Note 4)
(Note 4)
PSRR
Power Supply
RS s 10 kX
45
300
45
400
m
VV
Rejection Ratio
(Note 4)
(Note 4)
AVS
Large Signal
RL t 20 kX
10
8
VmV
Voltage Gain
VO e g10V
VOP
Output Voltage Swing
RL e 20 kX
g
10
g
13
g
10
g
13
V
Note 1
TJ Max e 175 C
Note 2
Ratings apply to ambient temperature at 25 C Above this temperature derate the 10L-Metal Can at 71 mW C and the 14L-Ceramic DIP at 91 mW C
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
TA e 25 C only
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com