Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4500-2ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4500-2ARMZ
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4500-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADA4500-2
Rev. A | Page 5 of 24
VSY = 5.0 V ELECTRICAL CHARACTERISTICS
VSY = 5.0 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
120
µV
−40°C < T
A < +125°C
700
µV
Offset Voltage Drift
TCV
OS
−40°C < T
A < +125°C
0.9
5.5
µV/°C
Input Bias Current
I
B
0.7
2
pA
−40°C < T
A < +125°C
190
pA
Input Offset Current
I
OS
0.3
3
pA
−40°C < T
A < +125°C
20
pA
Input Voltage Range
IVR
−40°C < T
A < +125°C
V−
V+
V
Common-Mode Rejection Ratio
CMRR
V
CM = V− to V+
95
115
dB
−40°C < T
A < +125°C
95
dB
V
CM = [(V−) − 0.2 V] to [(V+) + 0.2 V]
95
115
dB
−40°C < T
A < +125°C
84
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, [(V−) + 0.05 V] < VOUT < [(V+) − 0.05 V]
105
110
dB
−40°C < T
A < +125°C
80
dB
R
L = 10 kΩ, [(V−) + 0.05 V] < VOUT < [(V+) − 0.05 V]
110
120
dB
−40°C < T
A < +125°C
110
dB
Input Capacitance
Common Mode
C
INCM
5
pF
Differential
C
INDM
1.7
pF
Input Resistance
R
IN
Common mode and differential mode
400
GΩ
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 10 kΩ to V−
4.975
4.99
V
−40°C < T
A < +125°C
4.97
V
R
L = 2 kΩ to V−
4.95
4.97
V
−40°C < T
A < +125°C
4.95
V
Output Voltage Low
V
OL
R
L = 10 kΩ to V+
7
15
mV
−40°C < T
A < +125°C
20
mV
R
L = 2 kΩ to V+
24
40
mV
−40°C < T
A < +125°C
50
mV
Short Circuit Limit
I
SC
Sourcing, V
OUT shorted to V−
75
mA
Sinking, V
OUT shorted to V+
−75
mA
Closed-Loop Impedance
Z
OUT
f = 10 MHz, A
V = +1
60
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
SY = 2.7 V to 5.5 V
98
119
dB
−40°C to +125°C
94
dB
Supply Current per Amplifier
I
SY
I
O = 0 mA
1.55
1.75
mA
−40°C < T
A < +125°C
1.8
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 10 kΩ, CL = 30 pF, AV = +1, VIN = VSY
5.5
V/µs
R
L = 10 kΩ, CL = 30 pF, AV = −1, VIN = VSY
8.7
V/µs
Gain Bandwidth Product
GBP
V
IN = 5 mV p-p, RL = 10 kΩ, AV = +100
10
MHz
Unity Gain Crossover
UGC
V
IN = 5 mV p-p, RL = 10 kΩ, AV = +1
10.5
MHz
−3 dB Bandwidth
−3 dB
V
IN = 5 mV p-p, RL = 10 kΩ, AV = −1
19.2
MHz
Phase Margin
ΦM
V
IN = 5 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
57
Degrees
Settling Time to 0.1%
t
s
V
IN = 4 V p-p, RL = 10 kΩ, CL = 10 pF, AV = −1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com