Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91F577CHPMC Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 50Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 51Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 52Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 53Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 54Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 55Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 56Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 57Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 54 of 163
MB91570 Series
The power supply pins should be connected to VCC pin and VSS pin of this device at the low impedance from the power supply
source.
In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin is recommended to
use as a bypass capacitor between the VCC pin and the VSS pin.
Crystal oscillation circuit
An external noise to the X0 pin or X1 pin may cause a device malfunction. The printed circuit board must be designed to lay out the
X0 pin and the X1 pin, crystal oscillator (or ceramic resonator), and the bypass capacitor to be grounded to the close position to the
device.
The printed circuit board artwork is recommended to surround the X0 pin and X1 pin by ground circuits.
Mode pins (MD2, MD1, MD0)
Connect the MD2, MD1and MD0 mode pin to the VCC pin or VSS pin directly. To prevent an erroneous selection of test mode
caused by the noise, reduce the pattern length between each mode pin and VCC pin or VSS pin on the printed circuit board. Also,
use the low-impedance pin connection.
During power-on
To prevent a malfunction of the voltage step-
down circuit built in the device, set the voltage rising time to have 50μs or longer
(between 0.2V to 2.7V) during power-on.
Notes during PLL clock operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock may continue to operate at
the free running frequency of the self-oscillator circuit built in the PLL clock. This operation is not guaranteed.
Treatment of A/D converter power supply pins
Connect the pins to have AVcc = AVRH = Vcc5 and AVss/AVRL = Vss even if the A/D converter is not used.
Notes on using external clock
An external clock is not supported. None of the external direct clock input can be used for both main clock and sub clock.
Power-on sequence of A/D converter analog inputs
Be sure to turn on the digital power supply voltage (Vcc) first, and then turn on the A/D converter power supply voltage (AVcc, AVRH,
AVRL) and analog input voltage (AN0 to AN39). Also, turn off the A/D converter power supplies and analog inputs first, and then
turn off the digital power supply voltage (Vcc5). When the AVRH pin voltage is turned on or off, it must not exceed AVcc. Even if a
common analog input pin is used as an input port, its input voltage must not exceed AVcc. (However, the analog power supply
voltage and digital power supply voltage can be turned on or off simultaneously.)
Treatment of power supplies for high current output buffer pins (DVcc, DVss)
Be sure to turn on the digital power supply voltage (Vcc) first, and then turn on the power supply voltage for high current output
buffer pins (DVcc, DVss). Also, turn off the power supplies for high current output buffer pins first, and then turn off the digital power
supply voltage (Vcc).
Even if the high current output buffer pins are used as general-purpose ports, the power supply voltage of high current output buffer
pins (DVcc, DVss) must be powered. (The power supplies of high current output buffer pins and the digital power supplies can be
turned on or off simultaneously.
Treatment of C pin
This device contains a voltage step-down circuit. A capacitor must always be connected to the C pin to assure the internal
stabilization of the device.
For the standard values, see the "Recommended Operating Conditions" of the latest data sheet.
Function Switching of a Multiplexed Port
To switch between the port function and the multiplexed pin function, use the PFR (port function register). However, if a pin is also
used for an external bus, its function is switched by the external bus setting. For details, see "I/O Ports".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com