Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 248Page - Microchip Technology PIC18F442-E/P Datasheet HTML 249Page - Microchip Technology PIC18F442-E/P Datasheet HTML 250Page - Microchip Technology PIC18F442-E/P Datasheet HTML 251Page - Microchip Technology PIC18F442-E/P Datasheet HTML 252Page - Microchip Technology PIC18F442-E/P Datasheet HTML 253Page - Microchip Technology PIC18F442-E/P Datasheet HTML 254Page - Microchip Technology PIC18F442-E/P Datasheet HTML 255Page - Microchip Technology PIC18F442-E/P Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 332 page
background image
PIC18FXX2
DS39564B-page 250
 2002 Microchip Technology Inc.
TBLWT
Table Write
Syntax:
[ label ]
TBLWT ( *; *+; *-; +*)
Operands:
None
Operation:
if TBLWT*,
(TABLAT)
→ Holding Register;
TBLPTR - No Change;
if TBLWT*+,
(TABLAT)
→ Holding Register;
(TBLPTR) +1
→ TBLPTR;
if TBLWT*-,
(TABLAT)
→ Holding Register;
(TBLPTR) -1
→ TBLPTR;
if TBLWT+*,
(TBLPTR) +1
→ TBLPTR;
(TABLAT)
→ Holding Register;
Status Affected: None
Encoding:
0000
0000
0000
11nn
nn=0 *
=1 *+
=2 *-
=3 +*
Description:
This instruction uses the 3 LSbs of the
TBLPTR to determine which of the 8
holding registers the TABLAT data is
written to. The 8 holding registers are
used to program the contents of Pro-
gram Memory (P.M.). See Section 5.0
for information on writing to FLASH
memory.
The TBLPTR (a 21-bit pointer) points
to each byte in the program memory.
TBLPTR has a 2 MBtye address
range. The LSb of the TBLPTR selects
which byte of the program memory
location to access.
TBLPTR[0] = 0: Least Significant
Byte of Program
Memory Word
TBLPTR[0] = 1: Most Significant
Byte of Program
Memory Word
The TBLWT instruction can modify the
value of TBLPTR as follows:
• no change
• post-increment
• post-decrement
• pre-increment
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
No
operation
No
operation
No
operation
No
operation
(Read
TABLAT)
No
operation
No
operation
(Write to Holding
Register or Memory)
TBLWT
Table Write (Continued)
Example1:
TBLWT
*+;
Before Instruction
TABLAT
=
0x55
TBLPTR
=
0x00A356
HOLDING REGISTER
(0x00A356)
=
0xFF
After Instructions (table write completion)
TABLAT
=
0x55
TBLPTR
=
0x00A357
HOLDING REGISTER
(0x00A356)
=
0x55
Example 2:
TBLWT
+*;
Before Instruction
TABLAT
=
0x34
TBLPTR
=
0x01389A
HOLDING REGISTER
(0x01389A)
=
0xFF
HOLDING REGISTER
(0x01389B)
=
0xFF
After Instruction (table write completion)
TABLAT
=
0x34
TBLPTR
=
0x01389B
HOLDING REGISTER
(0x01389A)
=
0xFF
HOLDING REGISTER
(0x01389B)
=
0x34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com