Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 29Page - Microchip Technology PIC18F442-E/P Datasheet HTML 30Page - Microchip Technology PIC18F442-E/P Datasheet HTML 31Page - Microchip Technology PIC18F442-E/P Datasheet HTML 32Page - Microchip Technology PIC18F442-E/P Datasheet HTML 33Page - Microchip Technology PIC18F442-E/P Datasheet HTML 34Page - Microchip Technology PIC18F442-E/P Datasheet HTML 35Page - Microchip Technology PIC18F442-E/P Datasheet HTML 36Page - Microchip Technology PIC18F442-E/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 31
PIC18FXX2
IPR2
242
442
252
452
---1 1111
---1 1111
---u uuuu
PIR2
242
442
252
452
---0 0000
---0 0000
---u uuuu(1)
PIE2
242
442
252
452
---0 0000
---0 0000
---u uuuu
IPR1
242
442
252
452
1111 1111
1111 1111
uuuu uuuu
242
442
252
452
-111 1111
-111 1111
-uuu uuuu
PIR1
242
442
252
452
0000 0000
0000 0000
uuuu uuuu(1)
242
442
252
452
-000 0000
-000 0000
-uuu uuuu(1)
PIE1
242
442
252
452
0000 0000
0000 0000
uuuu uuuu
242
442
252
452
-000 0000
-000 0000
-uuu uuuu
TRISE
242
442
252
452
0000 -111
0000 -111
uuuu -uuu
TRISD
242
442
252
452
1111 1111
1111 1111
uuuu uuuu
TRISC
242
442
252
452
1111 1111
1111 1111
uuuu uuuu
TRISB
242
442
252
452
1111 1111
1111 1111
uuuu uuuu
TRISA(5,6)
242
442
252
452
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATE
242
442
252
452
---- -xxx
---- -uuu
---- -uuu
LATD
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5,6)
242
442
252
452
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
PORTE
242
442
252
452
---- -000
---- -000
---- -uuu
PORTD
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
242
442
252
452
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5,6)
242
442
252
452
-x0x 0000(5)
-u0u 0000(5)
-uuu uuuu(5)
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ’0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4: See Table 3-2 for RESET value for specific condition.
5: Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ’0’.
6: Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com