Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 263Page - Microchip Technology PIC18F442-E/P Datasheet HTML 264Page - Microchip Technology PIC18F442-E/P Datasheet HTML 265Page - Microchip Technology PIC18F442-E/P Datasheet HTML 266Page - Microchip Technology PIC18F442-E/P Datasheet HTML 267Page - Microchip Technology PIC18F442-E/P Datasheet HTML 268Page - Microchip Technology PIC18F442-E/P Datasheet HTML 269Page - Microchip Technology PIC18F442-E/P Datasheet HTML 270Page - Microchip Technology PIC18F442-E/P Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 265
PIC18FXX2
22.2
DC Characteristics: PIC18FXX2 (Industrial, Extended)
PIC18LFXX2 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
Vss
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger buffer
RC3 and RC4
Vss
Vss
0.2 VDD
0.3 VDD
V
V
D032
MCLR
VSS
0.2 VDD
V
D032A
OSC1 (in XT, HS and LP modes)
and T1OSI
VSS
0.3 VDD
V
D033
OSC1 (in RC and EC mode)(1)
VSS
0.2 VDD
V
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
0.25 VDD +
0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger buffer
RC3 and RC4
0.8 VDD
0.7 VDD
VDD
VDD
V
V
D042
MCLR, OSC1 (EC mode)
0.8 VDD
VDD
V
D042A
OSC1 (in XT, HS and LP modes)
and T1OSI
0.7 VDD
VDD
V
D043
OSC1 (RC mode)(1)
0.9 VDD
VDD
V
IIL
Input Leakage Current(2,3)
D060
I/O ports
.02
±1
µAVSS ≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR
—
±1
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
—
±1
µA Vss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB weak pull-up current
50
450
µAVDD = 5V, VPIN = VSS
Note 1: In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PICmicro device be driven with an external clock while in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.
4: Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com