Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 331 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 331 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 324Page - Microchip Technology PIC18F442-E/P Datasheet HTML 325Page - Microchip Technology PIC18F442-E/P Datasheet HTML 326Page - Microchip Technology PIC18F442-E/P Datasheet HTML 327Page - Microchip Technology PIC18F442-E/P Datasheet HTML 328Page - Microchip Technology PIC18F442-E/P Datasheet HTML 329Page - Microchip Technology PIC18F442-E/P Datasheet HTML 330Page - Microchip Technology PIC18F442-E/P Datasheet HTML 331Page - Microchip Technology PIC18F442-E/P Datasheet HTML 332Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 331 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 329
PIC18FXX2
PIC18FXX2 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
−
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18FXX2(1), PIC18FXX2T(2);
VDD range 4.2V to 5.5V
PIC18LFXX2(1), PIC18LFXX2T(2);
VDD range 2.5V to 5.5V
Temperature
Range
I=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package
PT
=
TQFP (Thin Quad Flatpack)
SO =
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
L=
PLCC
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF452 - I/P 301 = Industrial temp.,
PDIP package, Extended VDD limits,
QTP pattern #301.
b)
PIC18LF242 - I/SO = Industrial temp.,
SOIC package, Extended VDD limits.
c)
PIC18F442 - E/P = Extended temp.,
PDIP package, normal VDD limits.
Note 1: F
= Standard Voltage range
LF
= Wide Voltage Range
2: T
= in tape and reel - SOIC,
PLCC, and TQFP
packages only.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com