Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F442-E/P Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 228Page - Microchip Technology PIC18F442-E/P Datasheet HTML 229Page - Microchip Technology PIC18F442-E/P Datasheet HTML 230Page - Microchip Technology PIC18F442-E/P Datasheet HTML 231Page - Microchip Technology PIC18F442-E/P Datasheet HTML 232Page - Microchip Technology PIC18F442-E/P Datasheet HTML 233Page - Microchip Technology PIC18F442-E/P Datasheet HTML 234Page - Microchip Technology PIC18F442-E/P Datasheet HTML 235Page - Microchip Technology PIC18F442-E/P Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 332 page
background image
PIC18FXX2
DS39564B-page 230
 2002 Microchip Technology Inc.
DAW
Decimal Adjust W Register
Syntax:
[ label ] DAW
Operands:
None
Operation:
If [W<3:0> >9] or [DC = 1] then
(W<3:0>) + 6
→ W<3:0>;
else
(W<3:0>)
→ W<3:0>;
If [W<7:4> >9] or [C = 1] then
(W<7:4>) + 6
→ W<7:4>;
else
(W<7:4>)
→ W<7:4>;
Status Affected:
C
Encoding:
0000
0000
0000
0111
Description:
DAW
adjusts the eight-bit value in
W, resulting from the earlier addi-
tion of two variables (each in
packed BCD format) and produces
a correct packed BCD result.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register W
Process
Data
Write
W
Example1:
DAW
Before Instruction
W=
0xA5
C=
0
DC
=
0
After Instruction
W
=
0x05
C=
1
DC
=
0
Example 2:
Before Instruction
W=
0xCE
C=
0
DC
=
0
After Instruction
W
=
0x34
C=
1
DC
=
0
DECF
Decrement f
Syntax:
[ label ] DECF f [,d [,a]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – 1
→ dest
Status Affected:
C, DC, N, OV, Z
Encoding:
0000
01da
ffff
ffff
Description:
Decrement register 'f'. If 'd' is 0, the
result is stored in W. If 'd' is 1, the
result is stored back in register 'f'
(default). If ’a’ is 0, the Access
Bank will be selected, overriding
the BSR value. If ’a’ = 1, then the
bank will be selected as per the
BSR value (default).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
DECF
CNT,
1, 0
Before Instruction
CNT
=
0x01
Z=
0
After Instruction
CNT
=
0x00
Z=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com