Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90F438LPF Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB90F438LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F438LPF Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB90F438LPF Datasheet HTML 6Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 7Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 8Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 9Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 10Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 11Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 12Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 13Page - Cypress Semiconductor MB90F438LPF Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
MB90435 Series
DS07-13727-2E
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*2
QFP*1
11
13
P33
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode, external bus 8-bit mode or
when WRH pin output is disabled.
WRH
Write strobe output pin for the 8 higher bits of the data bus.
This function is enabled when the external bus is enabled,
when the external bus 16-bit mode is selected, and when the
WRH output pin is enabled.
12
14
P34
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode or when the hold function is
disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold functions are enabled.
13
15
P35
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode or when the hold function is
disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold functions are enabled.
14
16
P36
I
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode or when the external ready
function is disabled.
RDY
Ready input pin. This function is enabled when both the
external bus and the external ready functions are enabled.
15
17
P37
H
General I/O port with programmable pull-up. This function is
enabled in the single-chip mode or when the CLK output is
disabled.
CLK
CLK output pin. This function is enabled when both the
external bus and CLK outputs are enabled.
16
18
P40
G
General I/O port. This function is enabled when UART0
disables the serial data output.
SOT0
Serial data output pin for UART0. This function is enabled
when UART0 enables the serial data output.
17
19
P41
G
General I/O port. This function is enabled when UART0
disables serial clock output.
SCK0
Serial clock I/O pin for UART0. This function is enabled when
UART0 enables the serial clock output.
18
20
P42
G
General I/O port. This function is always enabled.
SIN0
Serial data input pin for UART0. Set the corresponding Port
Direction Register to input if this function is used.
19
21
P43
G
General I/O port. This function is always enabled.
SIN1
Serial data input pin for UART1. Set the corresponding Port
Direction Register to input if this function is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com