Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90437LPF Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90437LPF Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button MB90437LPF Datasheet HTML 38Page - Cypress Semiconductor MB90437LPF Datasheet HTML 39Page - Cypress Semiconductor MB90437LPF Datasheet HTML 40Page - Cypress Semiconductor MB90437LPF Datasheet HTML 41Page - Cypress Semiconductor MB90437LPF Datasheet HTML 42Page - Cypress Semiconductor MB90437LPF Datasheet HTML 43Page - Cypress Semiconductor MB90437LPF Datasheet HTML 44Page - Cypress Semiconductor MB90437LPF Datasheet HTML 45Page - Cypress Semiconductor MB90437LPF Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
MB90435 Series
DS07-13727-2E
41
(6) Bus Timing (Write)
(MB90F438L (S) /437L (S) /438L (S) : VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(MB90F439 (S) /439 (S) /V540G : VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
Parameter
Symbol
Pin name
Condition
Value
Units Remarks
Min
Max
Valid address
→WR↓time
tAVWL
A16 to A23
AD00 to AD15,
WR
⎯
tCP
− 15
⎯
ns
WR pulse width
tWLWH
WR
3 tCP/2
− 20
⎯
ns
Valid data output
→WR↑time
tDVWH
AD00 to AD15,
WR
3 tCP/2
− 20
⎯
ns
WR
↑→Data hold time
tWHDX
AD00 to AD15,
WR
20
⎯
ns
WR
↑→Address valid time
tWHAX
A16 to A23,
WR
tCP/2
− 10
⎯
ns
WR
↑→ALE↑time
tWHLH
WR, ALE
tCP/2
− 15
⎯
ns
WR
↑→CLK↑time
tWLCH
WR, CLK
tCP/2
− 20
⎯
ns
0.8 V
0.8 V
2.4 V
2.4 V
2.4 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
0.8 V
2.4 V
CLK
ALE
WR (WRL, WRH)
A16 to A23
AD00 to AD15
tWHLH
tAVWL
tWLWH
tWHAX
tWHDX
tWLCH
tDVWH
Address
Write data
• Bus Timing (Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com