Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96650 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB96650
Description  F2MC-16FX CPU
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96650 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB96650 Datasheet HTML 17Page - Cypress Semiconductor MB96650 Datasheet HTML 18Page - Cypress Semiconductor MB96650 Datasheet HTML 19Page - Cypress Semiconductor MB96650 Datasheet HTML 20Page - Cypress Semiconductor MB96650 Datasheet HTML 21Page - Cypress Semiconductor MB96650 Datasheet HTML 22Page - Cypress Semiconductor MB96650 Datasheet HTML 23Page - Cypress Semiconductor MB96650 Datasheet HTML 24Page - Cypress Semiconductor MB96650 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Document Number: 002-04707 Rev.*A
Page 21 of 65
MB96650 Series
9. User ROM Memory Map for Flash Devices
*: Physical address area of SAS-512B is from DF:0000H to DF:01FFH.
Others (from DF:0200H to DF:1FFFH) is mirror area of SAS-512B.
Sector SAS contains the ROM configuration block RCBA at CPU address DF:0000H -DF:01FFH.
SAS can not be used for E
2PROM emulation.
MB96F653
MB96F655
MB96F656
Flash size
Flash size
64.5KB + 32KB
128.5KB + 32KB
256.5KB + 32KB
CPU mode
address
Flash memory
mode address
Flash size
MB96F657
384.5KB + 32KB
Flash size
DF:A000H
DF:9FFFH
1F:9FFFH
DF:8000H
1F:8000H
DF:7FFFH
1F:7FFFH
DF:6000H
1F:6000H
DF:5FFFH
1F:5FFFH
DF:4000H
1F:4000H
DF:3FFFH
1F:3FFFH
DF:2000H
1F:2000H
DF:1FFFH
1F:1FFFH
DF:0000H
1F:0000H
DE:FFFFH
DE:0000H
SAS - 512B*
SA2 - 8KB
SA1 - 8KB
Reserved
Reserved
SA39 - 64KB
Reserved
SA4 - 8KB
SA3 - 8KB
SA2 - 8KB
SA1 - 8KB
SAS - 512B*
Reserved
SA4 - 8KB
SA3 - 8KB
Reserved
SA2 - 8KB
SA1 - 8KB
SA4 - 8KB
SA3 - 8KB
SAS - 512B*
Reserved
SA35 - 64KB
SA34 - 64KB
Reserved
SA4 - 8KB
SA3 - 8KB
SA2 - 8KB
SA1 - 8KB
SAS - 512B*
SA37 - 64KB
SA36 - 64KB
Reserved
SA39 - 64KB
SA38 - 64KB
SA39 - 64KB
SA38 - 64KB
SA37 - 64KB
SA36 - 64KB
SA39 - 64KB
SA38 - 64KB
FF:FFFFH
3F:FFFFH
FF:0000H
3F:0000H
FE:FFFFH
3E:FFFFH
FE:0000H
3E:0000H
FD:FFFFH
3D:FFFFH
FD:0000H
3D:0000H
FC:FFFFH
3C:FFFFH
FC:0000H
3C:0000H
FB:FFFFH
3B:FFFFH
FB:0000H
3B:0000H
FA:FFFFH
3A:FFFFH
FA:0000H
3A:0000H
F9:FFFFH
Bank B of Flash A
Bank A of Flash A
Bank A of Flash A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com