Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5593R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 1 Page - Analog Devices

  AD5593R Datasheet HTML 1Page - Analog Devices AD5593R Datasheet HTML 2Page - Analog Devices AD5593R Datasheet HTML 3Page - Analog Devices AD5593R Datasheet HTML 4Page - Analog Devices AD5593R Datasheet HTML 5Page - Analog Devices AD5593R Datasheet HTML 6Page - Analog Devices AD5593R Datasheet HTML 7Page - Analog Devices AD5593R Datasheet HTML 8Page - Analog Devices AD5593R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
8-Channel, 12-Bit, Configurable ADC/DAC
with On-Chip Reference, I2C Interface
Data Sheet
AD5593R
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8-channel, configurable ADC/DAC/GPIO
Configurable as any combination of
8 12-bit DAC channels
8 12-bit ADC channels
8 general-purpose I/O pins
Integrated temperature sensor
16-lead TSSOP and LFCSP and 16-ball WLCSP packages
I2C interface
APPLICATIONS
Control and monitoring
General-purpose analog and digital I/O
GENERAL DESCRIPTION
The AD5593R has eight input/output (I/O) pins, which can be
independently configured as digital-to-analog converter (DAC)
outputs, analog-to-digital converter (ADC) inputs, digital outputs,
or digital inputs. When an I/O pin is configured as an analog
output, it is driven by a 12-bit DAC. The output range of the
DAC is 0 V to VREF or 0 V to 2 × VREF. When an I/O pin is
configured as an analog input, it is connected to a 12-bit ADC
via an analog multiplexer. The input range of the ADC is 0 V to
VREF or 0 V to 2 × VREF. The I/O pins can also be configured to
be general-purpose, digital input or output (GPIO) pins. The
state of the GPIO pins can be set or read back by accessing the
GPIO write data register and GPIO read configuration registers,
respectively, via an I2C write or read operation.
The AD5593R has an integrated 2.5 V, 20 ppm/°C reference that
is turned off by default and an integrated temperature indicator
that gives an indication of the die temperature. The temperature
value is read back as part of an ADC read sequence.
The AD5593R is available in 16-lead TSSOP and LFCSP, as well
as a 16-ball WLCSP, and operates over a temperature range of
−40°C to +105°C.
Table 1. Related Products
Product
Description
AD5592R
AD5593R equivalent with SPI interface
AD5592R-1
AD5593R equivalent with SPI interface and VLOGIC pin
FUNCTIONAL BLOCK DIAGRAM
RESET
VREF
I/O7
I/O0
GPIO7
GPIO0
T/H
SEQUENCER
VDD
VLOGIC
GND
SCL
SDA
A0
TEMPERATURE
INDICATOR
DAC
REGISTER
INPUT
REGISTER
DAC 7
DAC
REGISTER
INPUT
REGISTER
DAC 0
AD5593R
MUX
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
POWER-ON
RESET
I2C
INTERFACE
LOGIC
2.5V
REFERENCE
Figure 1.


Similar Part No. - AD5593R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
AD5593RBCBZ-RL7 AD-AD5593RBCBZ-RL7 Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
AD5593RBCPZ-RL7 AD-AD5593RBCPZ-RL7 Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
AD5593RBRUZ AD-AD5593RBRUZ Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
AD5593RBRUZ-RL7 AD-AD5593RBRUZ-RL7 Datasheet
1Mb / 34P
8-Channel, 12-Bit, Configurable ADC/DAC
03-May-2017
More results

Similar Description - AD5593R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
Industrial monitoring and control
07-Aug-2013
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
Industrial Monitoring And Control
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com