Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5130BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5130BCPZ
Description  Low insertion loss
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5130BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5130BCPZ Datasheet HTML 3Page - Analog Devices ADRF5130BCPZ Datasheet HTML 4Page - Analog Devices ADRF5130BCPZ Datasheet HTML 5Page - Analog Devices ADRF5130BCPZ Datasheet HTML 6Page - Analog Devices ADRF5130BCPZ Datasheet HTML 7Page - Analog Devices ADRF5130BCPZ Datasheet HTML 8Page - Analog Devices ADRF5130BCPZ Datasheet HTML 9Page - Analog Devices ADRF5130BCPZ Datasheet HTML 10Page - Analog Devices ADRF5130BCPZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ADRF5130
Data Sheet
Rev. A | Page 8 of 10
APPLICATIONS INFORMATION
Generate the evaluation PCB used in the application circuit
shown in Figure 11 with proper RF circuit design techniques.
Signal lines at the RF port must have a 50 Ω impedance, and the
package ground leads and backside ground slug must connect
directly to the ground plane, as shown in Figure 14.
13
GND
GND
RF1
GND
GND
GND
GND
14
GND
15
GND
16
RF2
17
GND
18
GND
C4
C7
C5
C8 TO C11
C12 TO C15
C6
VDD
R1
VCTL
C1
C3
RF1
RF2
RFC
C2
C18 TO C21
1
3
4
2
5
6
Figure 11. Application Circuit
EVALUATION BOARD
The ADRF5130 evaluation board has eight metal layers and
dielectrics between each layer (see Figure 12). The top and the
bottom metal layers have copper thickness of 2 oz (2.7 mil),
whereas the metal layers in between them have 1 oz copper
(1.3 mil) thickness. The top dielectric material is 10 mil Rogers
RO4350, which exhibits a very low thermal coefficient, offering
control over thermal rise of the board. The dielectrics between
other metal layers are FR-4. The overall board thickness
achieved is 62 mil.
Figure 13 shows the top view of the ADRF5130 evaluation
board.
The top copper layer has all RF and dc traces, whereas the other
seven layers provide good ground and help to handle the thermal
rise on the evaluation board caused by the high power of the
ADRF5130. In addition, for proper thermal grounding, many
via holes are provided around the transmission lines and under
the exposed pad of the package. RF transmission lines on the
ADRF5130 evaluation board are coplanar wave guide design with
an 18 mil width and a ground spacing of 13 mil. For controlling
the thermal rise of the ADRF5130 evaluation board at high
temperatures and power levels, it is recommended to use a
heat sink and a mini dc fan.
W = 18mil
G = 13mil
T = 2.7mil
H = 10mil
2oz Cu (2.7mil)
RO4350 = 10mil
FR4
FR4
FR4
FR4
FR4
FR4
1oz Cu (1.3mil)
1oz Cu (1.3mil)
1oz Cu (1.3mil)
1oz Cu (1.3mil)
1oz Cu (1.3mil)
1oz Cu (1.3mil)
2oz Cu (2.7mil)
2oz Cu (2.7mil)
2oz Cu (2.7mil)
Figure 12. Evaluation Board Cross-Sectional View
1.500
0.050
0.050
Figure 13. Evaluation Board Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com