Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC15005-KBPC1510 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # KBPC15005-KBPC1510
Description  SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBPC15005-KBPC1510 Datasheet(HTML) 1 Page - Kingtronics International Company

  KBPC15005-KBPC1510 Datasheet HTML 1Page - Kingtronics International Company KBPC15005-KBPC1510 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE BRIDGE RECTIFIER
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 15.0 Ampere
FEATURES
High forward surge current capability
Low thermal resistance
High isolation voltage from case to leads
High temperature soldering guaranteed:
260°C /10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Metal case
Terminal: Plated 0.25" (6.35mm) lug
Polarity: Polarity symbols molded on case
Mounting: Thru hole for #10 screw, 20 in,- lbs. Torque Max
Weight: 1.02 ounce, 29 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
KBPC
15005
KBPC
1501
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRRM
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current, at TC=50℃(Note1,2)
I(VA)
15
Amps
Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
Amps
Rating for Fusing(t<8.3ms)
I
2t
373
A
2S
Maximum Instantaneous Forward Voltage at 7.5A
VF
1.1
Volts
Maximum DC Reverse Current at
rated DC blocking voltage
TA=25℃
IR
5.0
uAmps
TA=125℃
0.5
mAmps
Isolation Voltage from case to lugs
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
1- Unit mounted on 9”×3.5”×4.6”(23×9×11.8mm) Al. finned plate.
2-
Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer
efficiency with #10 screw.
KBPC15005 THRU
KBPC1510
KPBC
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - KBPC15005-KBPC1510

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBPC15005-1510 COMCHIP-KBPC15005-1510 Datasheet
59Kb / 3P
High Current Bridge Rectifier
logo
SeCoS Halbleitertechnol...
KBPC15005-C SECOS-KBPC15005-C Datasheet
350Kb / 2P
15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
logo
Comchip Technology
KBPC15005-G COMCHIP-KBPC15005-G Datasheet
83Kb / 3P
Silicon Bridge Rectifiers
logo
Chongqing Pingwei Enter...
KBPC15005-MB1505 CHONGQING-KBPC15005-MB1505 Datasheet
48Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC15005-KBPC1510

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJ15AU GOOD-ARK-GBJ15AU_15 Datasheet
163Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 15.0 Amperes
GBJ15A GOOD-ARK-GBJ15A_15 Datasheet
171Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 15.0 Amperes
logo
Kingtronics Internation...
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
KBPC6005-KBPC610 KINGTRONICS-KBPC6005-KBPC610 Datasheet
298Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
KBPC8005-KBPC810 KINGTRONICS-KBPC8005-KBPC810 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
KBPC10005-KBPC1010 KINGTRONICS-KBPC10005-KBPC1010 Datasheet
325Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 10.0 Ampere
KBPC50005W-KBPC5010W KINGTRONICS-KBPC50005W-KBPC5010W Datasheet
327Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50.0 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com