Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S35VB005 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # S35VB005
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

S35VB005 Datasheet(HTML) 1 Page - Kingtronics International Company

  S35VB005 Datasheet HTML 1Page - Kingtronics International Company S35VB005 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE BRIDGE RECTIFIER
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE 50 to 1000 Volts
FORWARD CURRENT 35 Ampere
FEATURES
Rating to 1000V PRV
High efficiency
Glass passivated chip junction
Electrically isolated metal case for maximum heat
Dissipation
The plastic material has UL flammability classification 94V-0
Electrically isolated base-2500 Vlots
MECHANICAL DATA
Case : Molded plastic with Heatsink internally mounted
in the bridge encapsulation
Polarity : As marked on Body
Mounting : Hole for # 10 screw
Weight : 0.70 ounces , 20 grams (terminal)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
S35VB
005
S35VB
10
S35VB
20
S35VB
40
S35VB
60
S35VB
80
S35VB
100
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRRM
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@Tc=Ta
I(AV)
35.0
A
Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
IFSM
400
A
Maximum Forward Voltage at 17.5A DC
VF
1.05
V
Maximum DC Reverse Current
@ TJ=25℃
atrated DC blocking voltage
@ TJ=125℃
IR
5.0
500
uA
I
2t Rating for Fusing(t<8.3ms),(Note 1)
I
2t
660
A
2
S
Typical Junction Capacitance per element (Note
2)
CJ
150
pF
Typical Thermal Resistance
RθJC
1.4
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
1-Measured at non-repetitive, for greater than 1ms and less than 8.3ms
2- Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
S35VB005 THRU
S35VB100
S35
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - S35VB005

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
S35VB005 SUNTAN-S35VB005 Datasheet
228Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - S35VB005

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GBJ20005-GBJ2010 KINGTRONICS-GBJ20005-GBJ2010 Datasheet
378Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 20 Ampere
GBJ35005-GBJ3510 KINGTRONICS-GBJ35005-GBJ3510 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 35 Ampere
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBU15005-GBU1510 KINGTRONICS-GBU15005-GBU1510 Datasheet
330Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
GBPC35005-GBPC3510 KINGTRONICS-GBPC35005-GBPC3510 Datasheet
369Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
GBPC35005W-GBPC3510W KINGTRONICS-GBPC35005W-GBPC3510W Datasheet
375Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S25VB005-S25VB100 KINGTRONICS-S25VB005-S25VB100 Datasheet
362Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com