Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4530-1R-EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 10Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 11Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UG-865
ADA4530-1R-EBZ User Guide
Rev. 0 | Page 8 of 14
TRANSIMPEDANCE WITH 10 GΩ SMT FEEDBACK
RESISTOR AND IN+ CONNECTED TO GROUND
(ADA4530-1R-EBZ-TIA)
On the ADA4530-1R-EBZ-TIA board, the amplifier is defaulted
to a transimpedance configuration. The transimpedance
configuration is a current-to-voltage (I to V) converter. A
10 GΩ SMT 1206 package size feedback resistor (RF1) is pre-
assembled on board. If other resistor values or package sizes are
needed, the 10 GΩ feedback resistor can be desoldered to allow
the assembly for the SMT resistor of choice. The evaluation
board provides a combination footprint that allows assembly of
either an 0805, 1206, 1210, 2510, or 2512 package size for RF1.
Larger value through hole feedback resistors, in the order of high
gigaohms or teraohms, are also often used in a transimpedance
application. This option is discussed in the Transimpedance
with Through Hole Feedback Resistor section.
Table 6. Transimpedance with 10 GΩ SMT Feedback
Resistor and IN+ Connected to Ground Pad/Connector
Configuration
Pad/Connector
Description
JP2
0 Ω
JP3
Unconnected
RF1
10 GΩ
RS1
0 Ω
RF1
10GΩ
RS1
0Ω
JP2
0Ω
Figure 13. Transimpedance with 10 GΩ Feedback and IN+
Connected to Ground
U1
VOUT
RO
499Ω
RF1
10GΩ
JP2
0Ω
RS1
0Ω
V+
V–
J1
(BNC)
INPUT
J2
(BNC)
OUTPUT
Figure 14. Transimpedance with 10 GΩ Feedback and IN+
Connected to Ground Schematic
TRANSIMPEDANCE WITH THROUGH HOLE
FEEDBACK RESISTOR
In a transimpedance configuration, larger value through hole
feedback resistors, in the order of high gigaohms or teraohms,
are often used. These resistors are glass encapsulated and
hermetically sealed, and come in large footprints. An example
of this is the Ohmite RX-1M ultrahigh resistance, high stability,
hermetically sealed resistor.
To cater to its large footprint, pin sockets (P7 and VOUT) are
provided for RF2. Place one end of the leaded resistor at P7 and
the other end at VOUT. Note that when using the evaluation
board for this configuration, use the ADA4530-1R-EBZ-TIA
board and remove the pre-assembled 10 GΩ feedback resistor.
When RF2 is used, remove the cover of SHIELD1 to allow
placement of the large through hole resistor. Secure SHIELD3,
which is provided with the kit, with the pre-assembled RF clips
to provide electrostatic shielding.
Table 7. Transimpedance with Through Hole Feedback
Resistor Pad/Connector Configuration1
Pad/Connector
Description
JP2
0 Ω
JP3
Unconnected
RS1
0 Ω
RF1
Remove from board
RF2
Populate with resistor of choice
1 Use the ADA4530-1R-EBZ-TIA board.
JP2
0Ω
RF2
GΩ/TΩ
RS1
0Ω
Figure 15. Transimpedance with Through Hole Feedback Resistor
J1
(BNC)
INPUT
J2
(BNC)
OUTPUT
U1
VOUT
RO
499Ω
RF2
THROUGH HOLE
JP2
0Ω
RS1
0Ω
V+
V–
Figure 16. Transimpedance with Through Hole Feedback Resistor Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com