Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

64S36R-MSOS3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 64S36R-MSOS3
Description  Calibration Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

64S36R-MSOS3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  64S36R-MSOS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 64S36R-MSOS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 64S36R-MSOS3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
4.3-10
Calibration Kit
Plug
64S36R-MSOS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-54
Contents and Documentation
This kit is delivered with
• Standard Definitions Card
Printed Standard Definitions that can be used on nearly all Vector Network Analyzers
• Lanyard
• Hard Shell Case
Material and plating
Connector parts
Material
Plating
Center conductor
CuBe
Gold, min. 1.27 µm, over nickel
Outer contact
Stainless steel
Passivated
Coupling nut
Brass
White bronze(e.g. Optalloy®)
Body
Brass
White bronze(e.g. Optalloy®); powder-coated
Dielectric
PTFE
Substrate
Al2O3


Similar Part No. - 64S36R-MSOS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
64S30R-MSOTS3 ROSENBERGER-64S30R-MSOTS3 Datasheet
4Mb / 3P
Calibration Kit
More results

Similar Description - 64S36R-MSOS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
Calibration Kit
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
Calibration Kit
05CK020-150 ROSENBERGER-05CK020-150 Datasheet
578Kb / 3P
Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com