Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLR-343VC Datasheet(PDF) 1 Page - Rohm

Part # SLR-343VC
Description  STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343VC Datasheet(HTML) 1 Page - Rohm

  SLR-343VC Datasheet HTML 1Page - Rohm SLR-343VC Datasheet HTML 2Page - Rohm SLR-343VC Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(TYP.)
■ Directivity
■ External Dimensions(Unit:mm)
Standard Type φ3.1 Circular Type LED Lamps〈LEDs with Pressure Release Structure〉
SLR-343 Series
CONVENTIONAL LED LAMPS
■ Absolute Maximum Ratings(Ta=25℃)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
■ Electrical Optical Characteristics(Ta=25℃)
*IFP measured under duty ≦1/ 5,pulse width ≦1ms.
Tolerance:
±0.2
Relative Luminous Intensity (
%)
diffused
clear
(2.5)
CATHODE
φ3.8±0.3
φ3.1
2-
□0.4±0.1
4-0.5 +0.2
−0.1
Note) SLR-343(LEDs with Pressure Release Structure) series are available in the bulk and straight taping style. For forming
taping style, we would recommend our SLR-342 series.
■ Recommemded Pad Layout
1.0
2.0
2.5
±0.1
■ Packaging Spacifications(Unit:mm)
Tape:2000pcs/Box
158
48
340
Bulk
(3F)
:2000pcs/Box
70
100
170
Orange
Circular Type
Shape
Emitting Surface
Dimension (mm)
Green
φ3.1
610nm
Red
GaP
650nm
563nm
Yellow
GaAsP on GaP
585nm
SLR-343MC SLR-343MG SLR-343YC SLR-343YY SLR-343DC SLR-343DU SLR-343VC SLR-343VR
SLR-343MC
SLR-343YY
SLR-343MG
SLR-343DC
Green
Yellow
60
20
60
3
-30 to +100
-25 to +85
SLR-343YC
SLR-343DU
SLR-343VC
SLR-343VR
75
25
Red
Orange
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
10
10
3
563
585
610
650
9.0
9.0
25
3.6
10
25
9.0
25
5.6
16
5.6
16
5.6
16
40
10
10
2.1
2.0
(Unit:mm)
Packaging
Straight Type:T32
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
VR
(V)
∆λ
Colored Clear
Colored Diffused
Colored Clear
Colored Diffused
Colored Clear
Colored Diffused
Colored Clear
Colored Diffused
12.7±1.0 6.35±0.4
0±1.0
φ4.0±0.2
2.5±0.5
5.1±0.5
12.7±0.3
φ
3.1
0±2.0
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Stotage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Pressure
Release


Similar Part No. - SLR-343VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343VC ROHM-SLR-343VC Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343VC ROHM-SLR-343VC Datasheet
164Kb / 5P
Competent to direct mount
SLR-343VC ROHM-SLR-343VC Datasheet
176Kb / 5P
SLR-343 Series
SLR-343VC ROHM-SLR-343VC Datasheet
164Kb / 5P
Electrical Characteristics Curves
SLR-343VC ROHM-SLR-343VC Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
More results

Similar Description - SLR-343VC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25 ROHM-SLB-25 Datasheet
227Kb / 3P
Standard Type Square Type LED Lamps
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
Dual-Color Type 3.1 Circular Type LED Lamps
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
Dual-Color Type 5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
High Brightness Type PI 3.1 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
High Brightness Type pi=5.0 Circular Type LED Lamps
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
High Brightness Type 3.1 Circular Type LED Lamps
SLI-343W ROHM-SLI-343W Datasheet
219Kb / 3P
Low Current Type 3.1 Circular Type LED Lamps
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com