Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74CB3Q3345DBQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3345DBQR
Description  8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3345DBQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74CB3Q3345DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3345DBQR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSOI004E JANUARY 1995 – REVISED MAY 2002
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DBQ (R–PDSO–G**)
PLASTIC SMALL–OUTLINE PACKAGE
4073301/F 02/02
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
0.244 (6,20)
0.228 (5,80)
112
24
13
0.150 (3,81)
0.157 (3,99)
0.008 (0,20) NOM
0
°–8°
Gauge Plane
0.012 (0,30)
0.008 (0,20)
0.197
(5,00)
(4,80)
0.189
A MAX
A MIN
PINS **
DIM
16
0.337
(8,56)
(8,74)
0.344
20
24
A
(8,74)
0.344
(8,56)
0.337
28
0.394
(10,01)
0.386
(9,80)
M0–137
VARIATION
AB
AD
AE
AF
D
0.025 (0,64)
0.005 (0,13)
0.004 (0,10)
NOTES: A.
All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO–137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com