Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

65S36R-MSOS3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 65S36R-MSOS3
Description  Calibration Kit plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

65S36R-MSOS3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  65S36R-MSOS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 65S36R-MSOS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 65S36R-MSOS3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
4.1-9.5
Calibration Kit
Plug
65S36R-MSOS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 6 GHz
Open
Return loss
≤ 0.15 dB, DC to 6 GHz
Error from nominal phase
1
≤ 3.0°, DC to 6 GHz
Short
Return loss
≤ 0.15 dB, DC to 6 GHz
Error from nominal phase
2
≤ 2.0°, DC to 6 GHz
Load
Return loss
≥ 42 dB, DC to 2.5 GHz
≥ 38 dB, 2.5 GHz to 6 GHz
DC-Resistance
50
Ω ± 0.5 Ω
Power handling
≤ 1.0 W
1
The nominal phase is defined by the Offset Delay, the Offset Loss and the Fringing Capacitances
2
The nominal phase is defined by the Offset Delay, the Offset Loss and the Short Inductance
Mechanical data
Mating cycles
≥ 500
Maximum torque
15 Nm
Recommended torque
2 Nm
Gauge
5.05 mm to 5.13 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Open
Offset Zo / Impedance / Zo
50
Ω
Offset Delay
90.830 ps
Length (electrical) / Offset Length
27.23 mm
Offset Loss
0.70 G
Ω/s
Loss
0.0110 dB/ GHz
Fringing Capacitances
C0 = -7.42660 x 10
-15 F
/
-7.42660 fF
C1 =
1625.84 x 10
-27 F/Hz /
1.62584 fF /GHz
C2 =
657.180 x 10
-36 F/Hz2 /
0.65718 fF /GHz
2
C3 = -139.680 x 10
-45 F/Hz3 /
-0.13968 fF /GHz
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com