Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2823 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT2823
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT2823_16 Datasheet HTML 1Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 2Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 3Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 4Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 5Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 6Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 7Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 8Page - Active-Semi, Inc ACT2823_16 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
3
ORDERING INFORMATION
PART NUMBER
BATTERY EOC VOLTAGE
JUNCTION TEMPERATURE
PACKAGE
PINS
ACT2823QJ-T1000
8.4V
-40˚C to 150˚C
QFN55-40
40
ACT2823QJ-T1435
8.7V
-40˚C to 150˚C
QFN55-40
40
Note 1: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means semiconductor
products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
Note 2: Package Code designator “Q” represents QFN
Note 3: Pin Count designator “J” represents 40 pins
PIN CONFIGURATION– QFN55-40
CSN
CSP
CSP
VOUT
VOUT
VIN
VIN
SCL
PGND
LED3
LED2
LED1
PB
AGND
VREG
TH
ICST
BATN
OVGATE
OVSENS
PGND
ACT2823
Top View
Figure 1: Pin Configuration – Top View – QFN55-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com