Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT8865 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT8865
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8865 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8865_16 Datasheet HTML 17Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 18Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 19Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 20Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 21Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 22Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 23Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 24Page - Active-Semi, Inc ACT8865_16 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ACT8865
Rev 7, 22-Mar-16
www.active-semi.com
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2016 Active-Semi, Inc.
SYSTEM CONTROL INFORMATION
Interfacing with the Atmel SAMA5D2, SAMA5D3 Series & SAM9 Series Processors
The ACT8865 is optimized for use in applications
using the following Atmel platforms: SAMA5D2,
SAMA5D3 series and SAM9 series processors,
supporting the power domains as shown in the
Table 2:
ACT8865 and Atmel SAMA5D2, SAMA5D3 Series & SAM9 Series Power Domains
POWER DOMAIN
ACT8865 CHANNEL TYPE DEFAULT VOLTAGE CURRENT CAPABILITY
VDDIODDR/VDDCORE_LPDDR
REG1
DC/DC
1.8V / 1.5V / 1.35V
1100mA
VDDCORE_GBIT ENET,
VDDIO_LPDDR
REG2
DC/DC
1.2V
1100mA
VDDIOP, VDDOSC, VDDUTMII,
VDDIOM,10/100 ENET
REG3
DC/DC
3.3V
1200mA
VDDFUSE
REG4
LDO
2.5V
320mA
Auxiliary 1
REG6
LDO
0.6V
320mA
Auxiliary 2
REG7
LDO
0.6V
320mA
VDDANA
REG5
LDO
3.3V
320mA
: VOUT2 = 1.2V @ VSEL=0 (SAMA5 series) and VOUT2 = 1.0V @ VSEL=VIN (SAM9 series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com