Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8643ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8643ACPZ-R2
Description  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8643ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8643ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8643ACPZ-R2 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
AD8641/AD8642/AD8643
Rev. F | Page 13 of 15
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AA
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 44. 5-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-5)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 45. 8-Lead Standard Small Outline Package [SOIC_N]
(R-8)
Dimensions shown in millimeters and (inches)
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 46. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com