Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M30-07E-B-2-R Datasheet(PDF) 1 Page - Amphenol Corporation

Part # M30-07E-B-2-R
Description  General Eastern Differential Pressure Transmitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

M30-07E-B-2-R Datasheet(HTML) 1 Page - Amphenol Corporation

  M30-07E-B-2-R Datasheet HTML 1Page - Amphenol Corporation M30-07E-B-2-R Datasheet HTML 2Page - Amphenol Corporation M30-07E-B-2-R Datasheet HTML 3Page - Amphenol Corporation M30-07E-B-2-R Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Modus M Series
General Eastern
Differential Pressure
Transmitters
The Modus M Series family of differential pressure
transmitters measure low pressures, and feature
a variety of analog signal outputs with low power
consumption. A wide selection of standard
pressure ranges and electrical ratings is available.
These transmitters feature no moving parts to
wear out, reliable long term stability, and are
virtually position insensitive. The Modus M Series
transmitters are typically used for monitoring
cleanroom pressures, HVAC, velocity pressures,
bubbler level systems, and leak detection; as well
as filter differential, draft, fume hood, and other
low pressure applications.
The transmitters are housed in a compact
heavy duty, gasketted, cast aluminum enclosure
designed to Type 4/IP 65. The die cast aluminum
enclosure incorporates a recessed neoprene
gasket to prevent ingress of moisture or dust. Wall
mounting holes are enclosed in the cast aluminum
box and concealed by the cover. The wall
mounting holes and the cover attaching screws
are outside the gasketted area. Access to the
terminals is made through knockouts on the front
of the box. A choice of two knockouts and three
hole sizes is available to accommodate usage of
1/2 in (12.70 mm) conduit and metric sizes PG11
and PG13.
Pluggable terminal block connectors are provided
with captive wire protection and captive terminal
screws.
The Modus M Series includes the M30 Series:
• Two-wire
• DCVoltageIn
• 4to20mAout
The span or zero adjustment is performed with a
20 turn potentiometer for fine resolution.
The Modus M Series transmitters comply with
the European requirements of EMC Directive
2004/108/EC, LVD 2006/95/EC and PED 97/23/EC.
Amphenol
Advanced Sensors


Similar Part No. - M30-07E-B-2-R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M30-1050046 HARWIN-M30-1050046 Datasheet
82Kb / 1P
1.25mm FEMALE CRIMP TERMINAL (REELED)
M30-1060046 HARWIN-M30-1060046 Datasheet
66Kb / 1P
1.25mm FEMALE CRIMP TERMINAL (LOOSE)
M30-1100200 HARWIN-M30-1100200 Datasheet
59Kb / 1P
1.25mm PITCH SIL CRIMP MOULDING
M30-1101500 HARWIN-M30-1101500 Datasheet
59Kb / 1P
1.25mm PITCH SIL CRIMP MOULDING
M30-6000246 HARWIN-M30-6000246 Datasheet
71Kb / 1P
1.25mm PITCH SIL SMT BOARD MOUNT CONNECTOR
More results

Similar Description - M30-07E-B-2-R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
Precision very low differential pressure transmitters
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
Precision differential pressure transmitters
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
Pressure transmitters
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
Miniature pressure transmitters
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
Precision differential pressure transmitters
logo
Willow Technologies Ltd
EMD WILLOW-EMD Datasheet
2Mb / 3P
General Eastern Humidity Sensor
logo
Analog Devices
AD9371 AD-AD9371 Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
General Eastern Liquid Differential Pressure Transmitters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com