| Electronic Components Datasheet Search |
|
M30-08M-A-1-R Datasheet(PDF) 3 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
M30-08M-A-1-R Datasheet(HTML) 3 Page - Amphenol Corporation |
|
3 / 4 page ![]() M Series Specifications Performance Accuracy ±1%ofSpan(includingnon-linearityandhysteresis) Calibration Traceable to National Institute of Standards and Technology (NIST) Environmental Operating Temperature Range 32°F to 115°F (0°C to 45°C) Storage Temperature -20°Fto160°F(-30°Cto70°C) Effect of Temperature on Zero ±0.05%/°C Effect of Temperature on Span ±0.02%/°C Operating Humidity Range 10%to90%RH,non-condensing Shock Resistance 10 G (11 ms) Vibration Resistance 5 G to 50 Hz Electrical Connectors PolarizedEuro-plug/connectors Connections Pluggable terminal block for wire, 14 to 26 AWG Material Glass filled polyester Physical Dimensions 3.56 in x 4.54 in x 2.18 in (90 mm x 115 mm x 55 mm) Material Aluminum alloy #A380 Cover Screws M4stainlesssteel,non-magnetic Finish Black epoxy paint Knockout Choice of 2 holes. Knockout hole sizes 1/2 in (12.70 mm) conduit, PG11 or PG13. Cable glands not included. Pressure Port Connection 3/16 in (4.57 mm) diameter Suitable for: • 1/8in(3.04mm)IDTygon™orpolyurethanetubing 0.11 in to 0.15 in (3 mm to 4 mm) • 1/4in(6.35mm)ODpolyethylenetubing0.23in (6 mm) Weight 1.27 lb (576 g) maximum Integral filters at both ports. Measures differential, gage pressure or vacuum. Suitable for air or inert gases. 2 mounting holes for #8 (4 mm) maximum screw 2.4 in (60 mm) mounting hole 0.6 in (15 mm) 0.26 in (6.5 mm 4.0 in (102 mm) mounting holes 4.54 in (115 mm 3.6 in (90 mm) G11, PG13 or 1/2 conduit holes 1.2 in (30.5 mm) 1.37 in (35 mm) 1.35 in (34 mm) High Low 2.5 in (63.5 mm) 3.4 in (86.5 mm) Pressure Port |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |