Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCME32 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # TCME32
Description  32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TCME32 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  TCME32 Datasheet HTML 1Page - Advanced Crystal Technology TCME32 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TCME32 Series
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  32.768kHz
 
 Supply voltage
Vcc  1.8V, 2.5V, 3.0V, 3.3V, 5.0V
  ±5% voltage change,  ±10% for  5V
 Supply voltage variation
 0.25V max.   ∆V/∆T = 1V/us
 Initial frequency tolerance  
F_tol  ±1.5ppm max.
 At +25°C±3°C
 Frequency stability 
 vs Temperature
F_stb  ±5.0ppm
 
 vs Load change
F_load  ±0.2ppm max.  ±10% load condition change
 vs Voltage change
F_Vcc  ±0.2ppm max.  ±5% input voltage change
 vs Aging
F_age  ±3.0ppm/year max.
 At +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 vs all range Vcc
 ±1.0ppm/volt max.
 Vcc = 1.7V to 5.5V
 Operating temperature range (°C)
Topr  ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +85°C
 Output wave form
 HCMOS
 Output load
 15pF
 Output voltage high
Voh  Vcc ‐ 0.4V min. Ioh = ‐0.1mA
 For all Vcc range
 Output  voltage low
Vol  0.4V max. Iol = 0.1mA
 For all Vcc range
 Current consumption
Icc  0.79μA ~ 2.05μA                 
 Table 2
 Rise and fall time
Tr, Tf  100ns max.  20% to 80% of waveform
 Duty cycle
SYM  40%/60% typ.  Measured at 50% Vcc
 Start‐up time
T_str  1.0 sec max at 25°C  3.0 sec max at ‐40°C~+85°C
 Pad 1 OE thresholds
  Vih = 0.8Vcc, Vil = 0.2Vcc
 Timing error over time
  ±0.432sec/day
 For ±5ppm over ‐40°C ~ +85°C
 Note: The device is ESD sensitive and moisture sensitive level (MSL) ‐ 1
             Table 2 Supply voltage vs current consumption
Supply voltage (V)
Current consumption Icc (μA)
1.8V ± 5%
0.79μA
2.5V ± 5%
1.05μA
3.0V ± 5%
1.25μA
3.3V ± 5%
1.37μA
5.0V ± 5%
2.05μA
Pad 1 : Output enable
Pad 2 : Ground
Pad 3 : Output
Pad 4 : Supply voltage
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
Dimensions(Unit:mm)
μA current consumption
 Pad 1  Pad 3 (Output)
 Enable (>Vcc*0.8)
 Active
 Disable (<Vcc*0.2)  High impedance
3.2
Top view
12
3
4
1
2
4
3
1.8
0.6
1.3 ±0.1


Similar Part No. - TCME32

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCME108M002H0010E AVX-TCME108M002H0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002K0010E AVX-TCME108M002K0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002R0010E AVX-TCME108M002R0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002S0010E AVX-TCME108M002S0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M004H0010E AVX-TCME108M004H0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
More results

Similar Description - TCME32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
3.2 x 2.5mm SMD TCXO
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com