Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF4818/479.5/TO39-3 Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTF4818/479.5/TO39-3
Description  IF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4818/479.5/TO39-3 Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTF4818/479.5/TO39-3 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4818/479.5/TO39-3 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4818/479.5/TO39-3 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4818/479.5/TO39-3 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4818/479.5/TO39-3 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
6.Reliability Test
6.1 Life Test
Item
Test Condition
Limit
High Temperature Exposure
Tstg Max.(85
°C),500h
High Temperature Operation
Topr Max.( 70
°C),DC 0.5V
(In or Out),500h
Low Temperature Exposure
Tstg Min.( -55
°C),500h
Moisture Resistance
Ta=60
°C,RH=90%,500H
Δfo≤±0.5%
(
Δfo: Deviation of centre
frequency fo)
6.2 Environmental Test
Item
Test Condition
Limit
TCT
(-20
°C 30min. → 25°C 5min. → 80°C
30min.
→25
°C 5min.), 5cycles
Same as 6.1
Soldering
Immerse the pins in melt solder at 230±5
°C for 5 seconds.
More than 95% of total area
of the pins should be covered
with solder
Heat Resistivity for
Melt Solder
Set on PC board, immerse in melt solder
at 260±5
°C for 6±2 seconds.
Same as 6.1
6.3 Mechanical Test
Item
Test Condition
Limit
Drop
On maple plate from 1m high,3times.
Lead Bend
π / 2 rad bending, with 4.4N weight,2 times.
Lead Pull
After bending lead parallel to heater base, pull with 9.8N force
for 1 minute.
Same as 6.1
Issue : 1.1 C1
Date : March 2010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com